Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8340CLD-5.0 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8340CLD-5.0
Description  Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8340CLD-5.0 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP8340CLD-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 9Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 10Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 11Page - National Semiconductor (TI) LP8340CLD-5.0 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Typical Performance Characteristics
Unless otherwise specified, V
IN =VO + 1.5V, CIN =COUT = 10µF X7R ceramic, TJ = 25˚C
Output Voltage Change vs. Temperature
Dropout Voltage vs. Load Current
20060907
20060908
Ground Current vs. Temperature (I
LOAD = 1A)
Ground Current vs. Load Current
20060909
20060910
Ground Current vs. Input Voltage
Ripple Rejection Ratio vs. Frequency
20060911
20060912
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com