Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5618AIP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5618AIP
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5618AIP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5618AIP Datasheet HTML 2Page - Texas Instruments TLV5618AIP Datasheet HTML 3Page - Texas Instruments TLV5618AIP Datasheet HTML 4Page - Texas Instruments TLV5618AIP Datasheet HTML 5Page - Texas Instruments TLV5618AIP Datasheet HTML 6Page - Texas Instruments TLV5618AIP Datasheet HTML 7Page - Texas Instruments TLV5618AIP Datasheet HTML 8Page - Texas Instruments TLV5618AIP Datasheet HTML 9Page - Texas Instruments TLV5618AIP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TLV5618A
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT
DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
SLAS230H – JULY 1999 – REVISED JULY 2002
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
digital input timing requirements
MIN
NOM
MAX
UNIT
C and I suffixes
VDD = 5 V
5
ns
tsu(CS-CK)
Setup time, CS low before first negative SCLK edge
C and I suffixes
VDD = 3 V
10
ns
tsu(CS-CK)
Setu time, CS low before first negative SCLK edge
Q and M suffixes
10
ns
tsu(C16-CS)
Setup time, 16th negative SCLK edge before CS rising edge
10
ns
tw(H)
SCLK pulse width high
25
ns
tw(L)
SCLK pulse width low
25
ns
C and I suffixes
VDD = 5 V
5
tsu(D)
Setup time, data ready before SCLK falling edge
C and I suffixes
VDD = 3 V
10
ns
tsu(D)
Setu time, data ready before SCLK falling edge
Q and M suffixes
8
ns
C and I suffixes
VDD = 5 V
5
th(D)
Hold time, data held valid after SCLK falling edge
C and I suffixes
VDD = 3 V
10
ns
h(D)
gg
Q and M suffixes
10
th(CSH)
Hold time CS high between cycles
VDD = 5 V
25
ns
th(CSH)
Hold time, CS high between cycles
VDD = 3 V
50
ns
timing requirements
tw(L)
SCLK
CS
DIN
D15
D14
D13
D12
D1
D0
X
X
1
X
2
3
4
5 15
16
X
tw(H)
tsu(D) th(D)
tsu(CS-CK)
tsu(C16-CS)
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com