Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B320B Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # B320B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

B320B Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  B320B Datasheet HTML 1Page - Diode Semiconductor Korea B320B Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0.01
0.1
1
10.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
30.0
1.6
TJ=125 C
TJ=150 C
TJ=25 C
Puise Width=300
S
1%DUTY CYCLE
B320B-B340B
B350B-B360B
O
O
O
TJ=125 C
TJ=25 C
0
0
TJ=75 C
0
B320B-B340B
B350B-B360B
1
0.001
0.01
0.1
20
10
20
0
406080
100
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
B320B-B340B
B350B-B360B
O
1000
10
100
100
0.1
1.0
10
0.1
0.1
1
100
100
1
0.01
10
10
REVERSE VOLTAGE,VOLTS
PULSE DURATION,SEC
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-- TYPICAL TRANSIENT THERMAL IMPEDANCE
NUMBER OF CYCLES AT 60HZ
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
%
AMBIENT TEMPERATURE ℃
B320B - - B360B
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD DERATING CURVE
FIG.2-- PEAK FORWARD SURGE CURRENT
Resistive or
inductive Load
1.0
0
50
2.0
60
70
80
90
100 110 120 130 140
150 160
3.0
4.0
B320B-B340B
B350B-B360B
P.C.B.MOUNTED ON
0.55"X0.55"(14.0X14.0mm)
COPPERPAD AREAS
0
40
20
80
60
100
110
100
8.3ms Single Half Sine-Wave
(JEDEC Method)
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com