Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC932 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # P89LPC932
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button P89LPC932 Datasheet HTML 27Page - NXP Semiconductors P89LPC932 Datasheet HTML 28Page - NXP Semiconductors P89LPC932 Datasheet HTML 29Page - NXP Semiconductors P89LPC932 Datasheet HTML 30Page - NXP Semiconductors P89LPC932 Datasheet HTML 31Page - NXP Semiconductors P89LPC932 Datasheet HTML 32Page - NXP Semiconductors P89LPC932 Datasheet HTML 33Page - NXP Semiconductors P89LPC932 Datasheet HTML 34Page - NXP Semiconductors P89LPC932 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
31 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.19.2
Mode 1
10 bits are transmitted (through TxD) or received (through RxD): a start bit
(logical ‘0’), 8 data bits (LSB first), and a stop bit (logical ‘1’). When data is received,
the stop bit is stored in RB8 in Special Function Register SCON. The baud rate is
variable and is determined by the Timer 1 overflow rate or the Baud Rate Generator
(described in Section 8.19.5 “Baud rate generator and selection”).
8.19.3
Mode 2
11 bits are transmitted (through TxD) or received (through RxD): start bit (logical ‘0’),
8 data bits (LSB first), a programmable 9th data bit, and a stop bit (logical ‘1’). When
data is transmitted, the 9th data bit (TB8 in SCON) can be assigned the value of ‘0’ or
‘1’. Or, for example, the parity bit (P, in the PSW) could be moved into TB8. When
data is received, the 9th data bit goes into RB8 in Special Function Register SCON,
while the stop bit is not saved. The baud rate is programmable to either 1
⁄
16 or
1
⁄
32 of
the CPU clock frequency, as determined by the SMOD1 bit in PCON.
8.19.4
Mode 3
11 bits are transmitted (through TxD) or received (through RxD): a start bit
(logical ‘0’), 8 data bits (LSB first), a programmable 9th data bit, and a stop bit
(logical ‘1’). In fact, Mode 3 is the same as Mode 2 in all respects except baud rate.
The baud rate in Mode 3 is variable and is determined by the Timer 1 overflow rate or
the Baud Rate Generator (described in Section 8.19.5 “Baud rate generator and
selection”).
8.19.5
Baud rate generator and selection
The P89LPC932 enhanced UART has an independent Baud Rate Generator. The
baud rate is determined by a baud-rate preprogrammed into the BRGR1 and BRGR0
SFRs which together form a 16-bit baud rate divisor value that works in a similar
manner as Timer 1. If the baud rate generator is used, Timer 1 can be used for other
timing functions.
The UART can use either Timer 1 or the baud rate generator output (see Figure 12).
Note that Timer T1 is further divided by 2 if the SMOD1 bit (PCON.7) is cleared. The
independent Baud Rate Generator uses OSCCLK.
8.19.6
Framing error
Framing error is reported in the status register (SSTAT). In addition, if SMOD0
(PCON.6) is ‘1’, framing errors can be made available in SCON.7 respectively. If
SMOD0 is ‘0’, SCON.7 is SM0. It is recommended that SM0 and SM1 (SCON.7:6)
are set up when SMOD0 is ‘0’.
Fig 12. Baud rate sources for UART (Modes 1, 3).
Baud Rate Modes 1 and 3
SBRGS = 1
SBRGS = 0
SMOD1 = 0
SMOD1 = 1
¸2
Timer 1 Overflow
(PCLK-based)
Baud Rate Generator
(CCLK-based)
002aaa419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com