Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG1C Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # RG1C
Description  ULTRA FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RG1C Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  RG1C Datasheet HTML 1Page - SUNMATE electronic Co., LTD RG1C Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RG1C
CURRENT: 0.7 A
VOLTAGE RANGE: 1000V
ULTRA FAST RECOVERY RECTIFIER DIODES
RG1C
Maximum Peak Reverse Voltage
VRM
1000
V
Maximum Peak Reverse Surge Voltage
VRSM
1000
V
Maximum Average Rectified Forward Current (Note1)
IF(AV)
0.7
A
Maximum Peak Forward Surge Current
( 50 Hz, Half-cycle, Sine wave, Single Shot )
IFSM
10
A
Maximum Forward Voltage at IF = 0.7 A
VF
3.3
V
Maximum Forward Current
IF
0.5
A
Maximum Reverse Current at Reverse voltage
IR
0.05
mA
Maximum Reverse Current at Reverse voltage
Ta = 100
°C
IR(H)
0.5
mA
Maximum Reverse Recovery Time ( Note 2 )
Trr
100
ns
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Notes :
(1) Lead Length 10 mm.
(2) Reverse Recovery Test Conditions : IF = 100 mA, IRP = 100 mA.
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
Unit
Features
High current capability
High surge current capability
High reliability
Low reverse current
Low forward voltage drop
Fast switching for high efficiency
!
!
!
!
!
!
1 of 2
www.sunmate.tw
Case: DO-41Molded Plastic
!
! Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
! Polarity: Cathode Band
! Weight: 0.34 grams (approx.)
! Mounting Position: Any
! Marking: Type Number
Mechanical Data
A
A
B
C
D
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
DO-41


Similar Part No. - RG1C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG1C SANKEN-RG1C Datasheet
25Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RG1C EIC-RG1C Datasheet
73Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
logo
Rugao Dachang Electroni...
RG1C DACHANG-RG1C Datasheet
119Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 1000V Forward Current 0.7A
logo
Sanken electric
RG1C SANKEN-RG1C Datasheet
191Kb / 4P
Silicon Rectifier Diode
logo
Rugao Dachang Electroni...
RG1C DACHANG-RG1C_15 Datasheet
119Kb / 2P
Plastic Ultra-Fast Recover Rectifier
More results

Similar Description - RG1C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR251G SUNMATE-FR251G Datasheet
310Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR801 SUNMATE-FR801 Datasheet
233Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
RU1 SUNMATE-RU1 Datasheet
261Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
AU01Z SUNMATE-AU01Z Datasheet
259Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ES1Z SUNMATE-ES1Z Datasheet
307Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com