Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2774MDREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2774MDREP
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2774MDREP Datasheet(HTML) 2 Page - Texas Instruments

  TLV2774MDREP Datasheet HTML 1Page - Texas Instruments TLV2774MDREP Datasheet HTML 2Page - Texas Instruments TLV2774MDREP Datasheet HTML 3Page - Texas Instruments TLV2774MDREP Datasheet HTML 4Page - Texas Instruments TLV2774MDREP Datasheet HTML 5Page - Texas Instruments TLV2774MDREP Datasheet HTML 6Page - Texas Instruments TLV2774MDREP Datasheet HTML 7Page - Texas Instruments TLV2774MDREP Datasheet HTML 8Page - Texas Instruments TLV2774MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
TLV277xEP, TLV277xAEP
FAMILY OF 2.7V HIGHSLEW RATE RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SGLS317A − OCTOBER 2005 − REVISED SEPTEMBER 2007
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
SELECTION OF SINGLE-SUPPLY OPERATIONAL AMPLIFIER PRODUCTS†
DEVICE
VDD
(V)
BW
(MHz)
SLEW RATE
(V/
µs)
IDD (per channel)
(
µA)
RAIL-TO-RAIL
TLV277X
2.5 to 6
5.1
10.5
1000
O
TLV247X
2.7 to 6
2.8
1.5
600
I/O
TLV245X
2.7 to 6
0.22
0.11
23
I/O
TLV246X
2.7 to 6
6.4
1.6
550
I/O
† All specifications measured at 5 V.
ORDERING INFORMATION†
TA
VIOMAX
AT 25
°C
(mV)
PACKAGE‡
ORDERABLE
PART NUMBER
TOP SIDE
MARKING
2.5
SOIC (D)
Tape and reel
TLV2770MDREP§
1.6
SOIC (D)
Tape and reel
TLV2770AMDREP§
2.5
SOIC (D)
Tape and reel
TLV2771MDREP§
1.6
SOIC (D)
Tape and reel
TLV2771AMDREP§
2.5
SOIC (D)
Tape and reel
TLV2772MDREP§
2.5
TSSOP (PW)
Tape and reel
TLV2772MPWREP§
1.6
SOIC (D)
Tape and reel
TLV2772AMDREP
2772AE
1.6
TSSOP (PW)
Tape and reel
TLV2772AMPWREP§
−55
°C to 125°C
2.5
SOIC (D)
Tape and reel
TLV2773MDREP§
−55
°C to 125°C
1.6
SOIC (D)
Tape and reel
TLV2773AMDREP§
2.7
SOIC (D)
Tape and reel
TLV2774MDREP
2774EP
2.7
TSSOP (PW)
Tape and reel
TLV2774MPWREP§
2.1
SOIC (D)
Tape and reel
TLV2774AMDREP
2774AEP
2.1
TSSOP (PW)
Tape and reel
TLV2774AMPWREP§
2.7
SOIC (D)
Tape and reel
TLV2775MDREP§
2.7
TSSOP(PW)
Tape and reel
TLV2775MPWREP§
2.1
SOIC (D)
Tape and reel
TLV2775AMDREP§
2.1
TSSOP (PW)
Tape and reel
TLV2775AMPWREP§
† For the most current package and ordering information, see the Package Option Addendum at the end of this document,
or see the TI website at www.ti.com.
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available
at www.ti.com/packaging.
§ Product Preview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com