Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2781CDBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2781CDBVT
Description  FAMILY OF 1.8V HIGHT-SPEED RAIL-TORAIL INPUT/OUTPUT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2781CDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2781CDBVT Datasheet HTML 3Page - Texas Instruments TLV2781CDBVT Datasheet HTML 4Page - Texas Instruments TLV2781CDBVT Datasheet HTML 5Page - Texas Instruments TLV2781CDBVT Datasheet HTML 6Page - Texas Instruments TLV2781CDBVT Datasheet HTML 7Page - Texas Instruments TLV2781CDBVT Datasheet HTML 8Page - Texas Instruments TLV2781CDBVT Datasheet HTML 9Page - Texas Instruments TLV2781CDBVT Datasheet HTML 10Page - Texas Instruments TLV2781CDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
TLV2780, TLV2781, TLV2782, TLV2783, TLV2784, TLV2785, TLV278xA
FAMILY OF 1.8 V HIGHSPEED RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS245E − MARCH 2000 − REVISED JANUARY 2005
7
WWW.TI.COM
electrical characteristics at specified free-air temperature, VDD = 1.8 V, 2.7 V (unless otherwise
noted) (continued)
dynamic performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
UGBW
Unity gain bandwidth
RL = 2 kΩ,CL = 25 pF
25
°C
8
MHz
VDD = 1.8 V
25
°C
3.3
4.3
V
= 1 V,
VDD = 1.8 V
Full range
3.1
SR+
Positive slew rate at unity gain
VO(PP) = 1 V,
RL = 2 kΩ
VDD = 2.7 V
25
°C
3.8
4.8
SR+
Positive slew rate at unity gain
O(PP)
RL = 2 kΩ,
CL = 50 pF
VDD = 2.7 V
Full range
3.5
CL = 50 pF
VDD = 3.6 V
25
°C
4
5
VDD = 3.6 V
Full range
3.6
V/ s
VDD = 1.8 V
25
°C
2.1
2.8
V/
µs
V
= 1 V,
VDD = 1.8 V
Full range
1.89
SR−
Negative slew rate at unity gain
VO(PP) = 1 V,
RL = 2 kΩ
VDD = 2.7 V
25
°C
2.2
2.8
SR−
Negative slew rate at unity gain
O(PP)
RL = 2 kΩ,
CL = 50 pF
VDD = 2.7 V
Full range
1.97
CL = 50 pF
VDD = 3.6 V
25
°C
3.5
4.2
VDD = 3.6 V
Full range
3.4
φm
Phase margin
RL = 2 kΩ,
CL = 25 pF
25
°C
58
°
Gain margin
RL = 2 kΩ,
CL = 25 pF
25
°C
8
dB
VDD = 1.8 V,
V(STEP)PP = 1 V,
0.1%
1.7
ts
Settling time
V(STEP)PP = 1 V,
AV = −1,
CL = 10 pF, RL = 2 kΩ
0.01%
25
°C
2.8
s
ts
Settling time
VDD = 2.7 V,
V(STEP)PP = 1 V,
0.1%
25
°C
1.7
µs
V(STEP)PP = 1 V,
AV = −1,
CL = 10 pF, RL = 2 kΩ
0.01%
2.4
† Full range is 0°C to 70°C for the C-suffix and −40°C to 125°C for the I-suffix. If not specified, full range is −40°C to 125°C.
noise/distortion performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VO(PP) = VDD/2,
AV = 1
0.055%
THD + N
Total harmonic distortion plus noise
VO(PP) = VDD/2,
RL = 2 kΩ,
f = 10 kHz
AV = 10
0.08%
THD + N
Total harmonic distortion plus noise
RL = 2 kΩ,
f = 10 kHz
AV = 100
25
°C
0.45%
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
18
nV/
√Hz
Vn
Equivalent input noise voltage
f = 10 kHz
9
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.9
fA /
√Hz
shutdown characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
IDD(SHDN)
Supply current, per channel in shutdown mode
SHDN = 0 V
25
°C
900
1400
nA
IDD(SHDN)
Supply current, per channel in shutdown mode
(TLV2780, TLV2783, TLV2785)
SHDN = 0 V
Full range
1700
nA
t(on)
Amplifier turnon time‡
RL = 2 kΩ
25
°C
800
ns
t(off)
Amplifier turnoff time‡
RL = 2 kΩ
25
°C
200
ns
† Full range is 0°C to 70°C for the C-suffix and −40°C to 125°C for the I-suffix. If not specified, full range is −40°C to 125°C.
‡ Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the supply current
has reached half its final value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com