Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5580IPWR Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV5580IPWR
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5580IPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV5580IPWR Datasheet HTML 11Page - Texas Instruments TLV5580IPWR Datasheet HTML 12Page - Texas Instruments TLV5580IPWR Datasheet HTML 13Page - Texas Instruments TLV5580IPWR Datasheet HTML 14Page - Texas Instruments TLV5580IPWR Datasheet HTML 15Page - Texas Instruments TLV5580IPWR Datasheet HTML 16Page - Texas Instruments TLV5580IPWR Datasheet HTML 17Page - Texas Instruments TLV5580IPWR Datasheet HTML 18Page - Texas Instruments TLV5580IPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
15
PRINCIPLE OF OPERATION
DC COUPLED INPUT
_
+
AVDD
VIN
REFTI
REFTO
REFBI
REFBO
AIN
TLV5580
_
+
VREF
VIN
REFTI
REFTO
REFBI
REFBO
AIN
TLV5580
RIN
R1
RIN
R2
(a)
(b)
Figure 13. DC-Coupled Input Circuit
For dc-coupled systems an op amp can level-shift a ground-referenced input signal. A circuit as shown in
Figure 13(a) is acceptable. Alternatively, the user might want a bipolar shift together with the bottom reference
voltage as seen in Figure 13(b). In this case the AIN voltage is given by:
AIN
+ 2
R
2 ÷
R
1 )
R
2
V
REF
–V
IN
AC COUPLED INPUT
VIN
AIN
TLV5580
R1
R2
VBIAS
+
−
C1
C2
Figure 14. AC-Coupled Input Circuit
For many applications, especially in single supply operation, ac coupling offers a convenient way for biasing
the analog input signal at the proper signal range. Figure 14 shows a typical configuration. To maintain the
outlined specifications, the component values need to be carefully selected. The most important issue is the
positioning of the 3 dB high-pass corner point f−3 dB, which is a function of R2 and the parallel combination of
C1 and C2, called Ceq. This is given by the following equation:
f
–3 dB +
1
÷ 2π xR
2
xCeq
where Ceq is the parallel combination of C1 and C2.
Since C1 is typically a large electrolytic or tantalum capacitor, the impedance becomes inductive at higher
frequencies. Adding a small ceramic or polystyrene capacitor, C2 of approximately 0.01
µF, which is not
inductive within the frequency range of interest, maintains low impedance. If the minimum expected input signal
frequency is 20 kHz, and R2 equals 1 k
Ω and R1 equals 50 Ω, the parallel capacitance of C1 and C2 must be
a minimum of 8 nF to avoid attenuating signals close to 20 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com