Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C450 Datasheet(PDF) 5 Page - Exar Corporation

Part # ST16C450
Description  UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C450 Datasheet(HTML) 5 Page - Exar Corporation

  ST16C450 Datasheet HTML 1Page - Exar Corporation ST16C450 Datasheet HTML 2Page - Exar Corporation ST16C450 Datasheet HTML 3Page - Exar Corporation ST16C450 Datasheet HTML 4Page - Exar Corporation ST16C450 Datasheet HTML 5Page - Exar Corporation ST16C450 Datasheet HTML 6Page - Exar Corporation ST16C450 Datasheet HTML 7Page - Exar Corporation ST16C450 Datasheet HTML 8Page - Exar Corporation ST16C450 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ST16C450
5
Rev. 4.20
-IOR
21
24
19
I
Read data strobe (active low strobe). A logic 0 on this pin
transfers the contents of the ST16C450 data bus to the
CPU.
-IOW
18
20
16
I
Write data strobe (active low strobe). A logic 0 on this pin
transfers the contents of the CPU data bus to the addressed
internal register.
INT
30
33
30
O
Interrupt Request (active high). Interrupts are enabled in the
interrupt enable register (IER), and when an interrupt con-
dition exists. Interrupt conditions include: receiver errors,
available receiver buffer data, transmit buffer empty, or
when a modem status flag is detected.
CSOUT
24
27
23
O
Chip select out. A high on this pin indicates that the
ST16C450 has been enabled by the chip select pin.
-BAUDOUT
15
17
12
O
Baud Rate Generator Output. This pin provides the 16X
clock of the selected data rate from the baud rate generator.
The RCLK pin must be connected externally to -BAUDOUT
when the receiver is operating at the same data rate.
-DDIS
23
26
22
O
Drive Disable. This pin goes to a logic 0 when the external
CPU is reading data from the ST16C450. This signal can be
used to disable external transceivers or other logic func-
tions.
-OP1
34
38
34
O
Output-1 (User Defined) - See bit-2 of modem control
register (MCR bit-2).
RESET
35
39
35
I
Reset. (active high) - A logic 1 on this pin will reset the
internal registers and all the outputs. The UART transmitter
output and the receiver input will be disabled during reset
time. (See ST16C450 External Reset Conditions for initial-
ization details.)
RCLK
9
10
5
I
Receive Clock Input. This pin is used as external 16X clock
input to the receiver section. External connection to -
Baudout pin is required in order to utilize the internal baud
rate generator.
SYMBOL DESCRIPTION
Symbol
Pin
Signal
Pin Description
40
44
48
type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com