Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3682 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3682
Description  Multiple voltage regulator with power switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3682 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3682 Datasheet HTML 4Page - NXP Semiconductors TDA3682 Datasheet HTML 5Page - NXP Semiconductors TDA3682 Datasheet HTML 6Page - NXP Semiconductors TDA3682 Datasheet HTML 7Page - NXP Semiconductors TDA3682 Datasheet HTML 8Page - NXP Semiconductors TDA3682 Datasheet HTML 9Page - NXP Semiconductors TDA3682 Datasheet HTML 10Page - NXP Semiconductors TDA3682 Datasheet HTML 11Page - NXP Semiconductors TDA3682 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2002 Mar 11
8
Philips Semiconductors
Product specification
Multiple voltage regulator with
power switches
TDA3682
Regulator 1: pin REG1 (Io = 5 mA)
Vo(REG1)
output voltage of regulator 1
0.5 mA
≤ I
o ≤ 250 mA
9.89
10.3
10.71
V
12 V
≤ V
P2 ≤ 18 V
9.89
10.3
10.71
V
∆V
line
line regulation voltage
12 V
≤ V
P2 ≤ 18 V
−−
50
mV
∆V
load
load regulation voltage
5 mA
≤ I
o ≤ 250 mA
−−
100
mV
SVRR
supply voltage ripple rejection
fi = 120 Hz; Vi = 2 V (p-p)
60
70
−
dB
Vdrop
dropout voltage
VP2 = 10.0 V; Io = 250 mA; note 2
−
0.4
0.7
V
Im
current limit
Vo > 8.5 V
300
−−
mA
Isc
short-circuit current
RL ≤ 0.5 Ω; note 3
50
−−
mA
Regulator 2: pin REG2 (Io = 5 mA)
Vo(REG2)
output voltage of regulator 2
0.5 mA
≤ Io ≤ 300 mA
4.8
5.0
5.2
V
10 V
≤ V
P2 ≤ 18 V
4.8
5.0
5.2
V
∆V
line
line regulation
10 V
≤ VP2 ≤ 18 V
−
350
mV
∆V
load
load regulation
0.5 mA
≤ Io ≤ 300 mA
−−
100
mV
SVRR
supply voltage ripple rejection
fi = 120 Hz; Vi = 2 V (p-p)
60
70
−
dB
Vdrop
dropout voltage
Io = 300 mA
VSTCP = 5.5 V; note 4
−
0.7
0.9
V
VP2 = 6 V; note 5
−
1.3
1.5
V
Im
current limit
Vo > 4.5 V
350
−−
mA
Isc
short-circuit current
RL ≤ 0.5 Ω; note 3
80
100
−
mA
Regulator 3: pin REG3 (Io = 5 mA)
Vo(REG3)
output voltage of regulator 3
0.5 mA
≤ Io ≤ 200 mA
7.87
8.2
8.53
V
10 V
≤ V
P2 ≤ 18 V
7.87
8.2
8.53
V
∆Vline
line regulation
10 V
≤ VP2 ≤ 18 V
−
350
mV
∆V
load
load regulation
0.5 mA
≤ Io ≤ 200 mA
−−
100
mV
SVRR
supply voltage ripple rejection
fi = 120 Hz; Vi = 2 V (p-p)
60
70
−
dB
Vdrop
dropout voltage
VP2 =8V; Io = 200 mA; note 2
−
0.2
0.4
V
Im
current limit
Vo >7V
250
−−
mA
Isc
short-circuit current
RL ≤ 0.5 Ω; note 3
40
−−
mA
Regulator 4: pin REG4 (Io = 5 mA)
Vo(REG4)
output voltage of regulator 4
0.5 mA
≤ Io ≤ 50 mA
7.87
8.2
8.53
V
10 V
≤ V
P2 ≤ 18 V
7.87
8.2
8.53
V
∆V
line
line regulation
10 V
≤ VP2 ≤ 18 V
−
350
mV
∆V
load
load regulation
0.5 mA
≤ Io ≤ 50 mA
−−
100
mV
SVRR
supply voltage ripple rejection
fi = 120 Hz; Vi = 2 V (p-p)
65
70
−
dB
Vdrop
dropout voltage
VP2 =8V; Io = 50 mA; note 2
−
0.4
0.7
V
Im
current limit
Vo >7V
75
−−
mA
Isc
short-circuit current
RL ≤ 0.5 Ω; note 3
20
−−
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com