Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28811 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811
Description  LED LIGHTING POWER CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28811 Datasheet(HTML) 16 Page - Texas Instruments

Back Button UCC28811 Datasheet HTML 12Page - Texas Instruments UCC28811 Datasheet HTML 13Page - Texas Instruments UCC28811 Datasheet HTML 14Page - Texas Instruments UCC28811 Datasheet HTML 15Page - Texas Instruments UCC28811 Datasheet HTML 16Page - Texas Instruments UCC28811 Datasheet HTML 17Page - Texas Instruments UCC28811 Datasheet HTML 18Page - Texas Instruments UCC28811 Datasheet HTML 19Page - Texas Instruments UCC28811 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
UCC28810
UCC28811
SLUS865 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
High Voltage Startup Circuit
In LED lighting applications it is important that the light source starts quickly after the input power is switched on.
In the circuit shown in Figure 18, the FET Q1 is turned on at a rate determined by R2 plus R3 and C4. The
source follows the gate as it rises. When the source reaches approximately 18.7 V, Q3 prevents the source from
increasing, and the UCC28810 starts. When the supply begins to deliver power to the output, VBIAS is higher than
12.7 V, and Q2 lowers the gate voltage of Q1 to turn off the startup current path and improve efficiency. For
single range input supplies, or supplies that can start more slowly, R4, R8, and D9 can be populated to start the
supply. However, the power dissipation in normal operation is much higher and reduces the efficiency.
Figure 18. High-Voltage Startup Circuit
Primary-Side Soft Start
The circuit shown in Figure 19 provides an open-loop soft-start that allows the EAOUT pin to slowly rise on the
primary side until the secondary-side error amplifier and soft-start function can take over control of the power
stage.
When VVDD is applied to the device, C20 is slowly charged to one-half of the voltage on the VDD pin and holds
the EAOUT pin to the voltage on C20 plus the VBE of Q6. As the voltage on C20 slowly rises, the EAOUT pin
tracks it until the voltage on C20 is above the normal operating point of the EAOUT pin. At some point, the
secondary-side error amplifier takes control of the EAOUT pin as it also has a slowly ramping reference that
provides a closed-loop soft start.
Figure 19. Primary-Side Soft Start
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com