Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320DAC23PW Datasheet(PDF) 22 Page - Texas Instruments

Part # TLV320DAC23PW
Description  STEREO AUDIO D/A CONVERTER, 8-TO 96KHZ WITH INTERGRATED HEADPHONE AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320DAC23PW Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV320DAC23PW Datasheet HTML 18Page - Texas Instruments TLV320DAC23PW Datasheet HTML 19Page - Texas Instruments TLV320DAC23PW Datasheet HTML 20Page - Texas Instruments TLV320DAC23PW Datasheet HTML 21Page - Texas Instruments TLV320DAC23PW Datasheet HTML 22Page - Texas Instruments TLV320DAC23PW Datasheet HTML 23Page - Texas Instruments TLV320DAC23PW Datasheet HTML 24Page - Texas Instruments TLV320DAC23PW Datasheet HTML 25Page - Texas Instruments TLV320DAC23PW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
3−6
The four modes are MSB first and operate with a variable word width between 16 to 32 bits (except right-justified
mode, which does not support 32 bits).
The digital audio interface consists of clock signal BCLK, data signals DIN and and the synchronization signal LRCIN.
BCLK is an output in master mode and an input in slave mode.
3.3.1.1 Right-Justified Mode
In right-justified mode, the LSB is available on the rising edge of BCLK, preceding a falling edge on LRCIN (see
Figure 3-4).
LRCIN
BCLK
DIN
n
n−1
0
1
n−1
n
1/fs
Left Channel
Right Channel
1
0
0
MSB
LSB
Figure 3−4. Right Justified Mode Timing
3.3.1.2 Left-Justified Mode
In left-justified mode, the MSB is available on the rising edge of BCLK, following a rising edge on LRCIN (see
Figure 3-5)
LRCIN
BCLK
DIN
n
n−1
0
1
n−1
n
1/fs
Left Channel
Right Channel
1
0
n
MSB
LSB
Figure 3−5. Left Justified Mode Timing
3.3.1.3 I2S Mode
In I2S mode, the MSB is available on the second rising edge of BCLK, after the falling edge on LRCIN (see Figure 3-6).
LRCIN
BCLK
DIN
n
n−1
0
1
n−1
n
1/fs
Left Channel
Right Channel
1
0
MSB
LSB
1BCLK
Figure 3−6. I2S Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com