Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320DAC23IPWR Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV320DAC23IPWR
Description  STEREO AUDIO D/A CONVERTER, 8-TO 96KHZ WITH INTERGRATED HEADPHONE AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320DAC23IPWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV320DAC23IPWR Datasheet HTML 12Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 13Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 14Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 15Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 16Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 17Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 18Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 19Page - Texas Instruments TLV320DAC23IPWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
2−6
2.4.3
Three-Wire Control Interface (SDI)
PARAMETER
MIN
TYP
MAX
UNIT
tw(5)
Clock pulse duration, SCLK
High
20
ns
tw(6)
Clock pulse duration, SCLK
Low
20
ns
tc(3)
Clock period, SCLK
80
ns
tsu(4)
Clock rising edge to CS rising edge, SCLK
60
ns
tsu(5)
Setup time, SDIN to SCLK
20
ns
th(4)
Hold time, SCLK to SDIN
20
ns
tw(7)
Pulse duration, CS
High
20
ns
tw(8)
Pulse duration, CS
Low
20
ns
LSB
tw(8)
tc(3)
tw(6)
tw(5)
tsu(4)
th(4)
tsu(5)
CS
SCLK
DIN
Figure 2−4. Three-Wire Control Interface Timing Requirements
2.4.4
Two-Wire Control Interface
PARAMETER
MIN
TYP
MAX
UNIT
tw(9)
Clock pulse duration, SCLK
High
1.3
µs
tw(10)
Clock pulse duration, SCLK
Low
600
ns
f(sf)
Clock frequency, SCLK
0
400
kHz
th(5)
Hold time (start condition)
600
ns
tsu(6)
Setup time (start condition)
600
ns
th(6)
Data hold time
900
ns
tsu(7)
Data setup time
100
ns
tr
Rise time, SDIN, SCLK
300
ns
tf
Fall time, SDIN, SCLK
300
ns
tsu(8)
Setup time (stop condition)
600
ns
SCLK
DIN
tw(9)
tw(10)
th(5)
th(6)
tsu(7)
tsu(8)
Figure 2−5. Two-Wire Control Interface Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com