Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AISC-0603HP Datasheet(PDF) 2 Page - Abracon Corporation

Part # AISC-0603HP
Description  HIGH CURRENT CERAMIC WIRE WOUND INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0603HP Datasheet(HTML) 2 Page - Abracon Corporation

  AISC-0603HP Datasheet HTML 1Page - Abracon Corporation AISC-0603HP Datasheet HTML 2Page - Abracon Corporation AISC-0603HP Datasheet HTML 3Page - Abracon Corporation AISC-0603HP Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
|||||||||||| | | |
30332Esperanza, Rancho Santa Margarita, California
92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 04.06.13
Visit www.abracon.com for Terms & Conditions of Sale
HIGH CURRENT CERAMIC WIRE WOUND INDUCTORS
PART NUMBER IDENTIFICATION
Pb RoHS/RoHS II Compliant
AISC-0603HP
1.80 x 1.12 x 1.02mm
Part Number
AISC-0603HP-
Inductance Code
Inductance Tolerance
Min.
Quality
Factor
L/Q Test
Freq.
Typ.
Quality
Factor @
250MHz
/900MHz
Max. DC
Resistance
Max. Rated
Current
Min. Self-resonant
Frequency
Units
nH
-
-
MHz
Ω
mA
MHz
Symbol
L
-
Q
Freq.
DCR
Ir
S.R.F
AISC-0603HP-75N
75
G, J, K
34
150
46/35
0.42
550
1700
AISC-0603HP-82N
82
G, J, K
34
150
51/36
0.46
510
1600
AISC-0603HP-91N
91
G, J, K
34
150
48/33
0.42
550
1500
AISC-0603HP-R10
100
G, J, K
34
150
52/32
0.54
470
1400
AISC-0603HP-R11
110
G, J, K
33
150
46/29
0.54
470
1350
AISC-0603HP-R12
120
G, J, K
33
150
50/33
0.65
420
1300
AISC-0603HP-R15
150
G, J, K
30
150
46/22
0.82
390
1150
AISC-0603HP-R18
180
G, J, K
28
100
48/20
1.2
320
1050
AISC-0603HP-R20
200
G, J, K
28
100
45/10
1.3
310
1000
AISC-0603HP-R21
210
G, J, K
28
100
48/12
1.9
280
1000
AISC-0603HP-R22
220
G, J, K
28
100
47/16
1.9
280
950
AISC-0603HP-R25
250
G, J, K
28
100
46/-
2.0
260
900
AISC-0603HP-R27
270
G, J, K
28
100
48/-
2.2
260
900
AISC-0603HP-R30
300
G, J, K
28
100
44/-
2.7
220
780
AISC-0603HP-R33
330
G, J, K
28
100
43/-
2.9
200
750
AISC-0603HP-R36
360
G, J, K
28
100
45/-
3.8
180
720
AISC-0603HP-R39
390
G, J, K
28
100
43/-
3.8
180
700
Test Conditions
1. Inductance is measured in HP-4287A RF LCR meter with HP-16193 fixture.
2. SRF is measured in ENA E5071B network analyzer
3. RDC is measured in HP-4338B milliohmeter.
4. Definition of Rated Current (Ir): Ir is direct electric current as chip surface temperature rose just 25oC against
chip initial surface temperature (Ta)
AISC-0603HP-
-
Inductance Code
Tolerance
Code
Packaging
Please refer to the Table
B: ± 0.2nH
T: 3kpcs/reel
S: ± 0.3nH
G: ±2%
J: ±5%
K: ±10%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com