Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AISC-1206-1R2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AISC-1206-1R2
Description  Ceramic Wire Wound Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1206-1R2 Datasheet(HTML) 2 Page - Abracon Corporation

  AISC-1206-1R2 Datasheet HTML 1Page - Abracon Corporation AISC-1206-1R2 Datasheet HTML 2Page - Abracon Corporation AISC-1206-1R2 Datasheet HTML 3Page - Abracon Corporation AISC-1206-1R2 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ceramic Wire Wound Inductors
AISC-1206
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 :2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
Revised: 10.11.13
Pb RoHS/RoHS II Compliant
Test Equipment
Inductance (L): Agilent4287A+Agilent16197A or equivalent, -13dBm or 10mA
Direct Current Resistance (DCR): HIOKI 3540 or equivalent
Q Factor (Q): Agilent4287A+Agilent16197A or equivalent, -13dBm or 10mA
Self-Resonant Frequency (SRF): Agilent4991B+Agilent16197A and HP 8753E or equivalent, -20dBm or 50mV
Rated Current (Ir): Ir is direct electric current as chip surface temperature rose just 20oC against chip initial surface temperature (Ta)
Operating Temperature: -40ºC to +125ºC
Storage Temperature: -10ºC to +40ºC, 70% RH max.
3.56 x 2.16 x 1.52mm
AISC-1206-6N8
AISC-1206-47N
AISC-1206-R18
AISC-1206-6N8
AISC-1206-47N
AISC-1206-R18
AISC-1206 -
-
Inductance Code
Tolerance Code
Packaging
Please refer to the table
G: ±2%
T: Tape & Reel (2k/reel)
J: ±5%
K: ±10%
PART NUMBER IDENTIFICATION
ELECTRICAL CHARACTERISTICS CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com