Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM16LR64JFN Datasheet(PDF) 12 Page - Texas Instruments

Part # TM16LR64JFN
Description  SYNCHRONOUS DYNAMIC RAM MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM16LR64JFN Datasheet(HTML) 12 Page - Texas Instruments

Back Button TM16LR64JFN Datasheet HTML 8Page - Texas Instruments TM16LR64JFN Datasheet HTML 9Page - Texas Instruments TM16LR64JFN Datasheet HTML 10Page - Texas Instruments TM16LR64JFN Datasheet HTML 11Page - Texas Instruments TM16LR64JFN Datasheet HTML 12Page - Texas Instruments TM16LR64JFN Datasheet HTML 13Page - Texas Instruments TM16LR64JFN Datasheet HTML 14Page - Texas Instruments TM16LR64JFN Datasheet HTML 15Page - Texas Instruments TM16LR64JFN Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TM8LR64JFN 8 388 608 BY 64BIT
TM16LR64JFN 16 777 216 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS710 − MAY 1998
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
serial presence detect (continued)
Table 1. Serial Presence-Detect Data for the TM8LR64JFN (Continued)
BYTE
DESCRIPTION OF FUNCTION
TM8LR64JFN-8
TM8LR64JFN-8A
BYTE
NO.
DESCRIPTION OF FUNCTION
ITEM
DATA
ITEM
DATA
28
Minimum row-active to row-active delay
tRRD = 16 ns
10h
tRRD = 16 ns
10h
29
Minimum RAS-to-CAS delay
tRCD = 20 ns
14h
tRCD = 20 ns
14h
30
Minimum RAS pulse width
tRAS = 48 ns
30h
tRAS = 48 ns
30h
31
Density of each bank on module
64M Bytes
10h
64M Bytes
10h
32
Command and address signal input setup time
tIS = 2 ns
20h
tIS = 2 ns
20h
33
Command and address signal input hold time
tIH = 1 ns
10h
tIH = 1 ns
10h
34
Data signal input setup time
tIS = 2 ns
20h
tIS = 2 ns
20h
35
Data signal input setup time
tIH = 1 ns
10h
tIH = 1 ns
10h
36 − 61
Superset features (may be used in the future)
62
SPD revision
Rev. 1.2
12h
Rev. 1.2
12h
63
Checksum for byte 0 − 62
95
5Fh
196
C4h
64 − 71
Manufacturer’s JEDEC ID code per JEP − 106E
97h
9700...
00h
97h
9700...
00h
72
Manufacturing location†
TBD
TBD
73
Manufacturer’s part number
T
54h
T
54h
74
Manufacturer’s part number
M
4Dh
M
4Dh
75
Manufacturer’s part number
8
38h
8
38h
76
Manufacturer’s part number
L
4Ch
L
4Ch
77
Manufacturer’s part number
R
52h
R
52h
78
Manufacturer’s part number
6
36h
6
36h
79
Manufacturer’s part number
4
34h
4
34h
80
Manufacturer’s part number
J
4Ah
J
4Ah
81
Manufacturer’s part number
F
46h
F
46h
82
Manufacturer’s part number
N
4Eh
N
4Eh
83
Manufacturer’s part number
—
2Dh
—
2Dh
84
Manufacturer’s part number
8
38h
8
38h
85
Manufacturer’s part number
SPACE
20h
A
41h
86 − 90
Manufacturer’s part number
SPACE
20h
SPACE
20h
73 − 90
Manufacturer’s part number†
TBD
TBD
91
Die revision code†
TBD
TBD
92
PCB revision code†
TBD
TBD
93 − 94
Manufacturing date†
TBD
TBD
95 − 98
Assembly serial number†
TBD
TBD
99 − 125
Manufacturer-specific data†
TBD
TBD
126
Clock frequency
100 MHz
64h
100 MHz
64h
127
SDRAM component and clock interconnection details
199
C7h
199
C7h
128−166
System-integrator-specific data‡
TBD
TBD
167−255
Open
† TBD indicates values are determined at manufacturing time and are module-dependent.
‡ These TBD values are determined and programmed by the customer (optional).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com