Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML6401 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLML6401
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6401 Datasheet(HTML) 2 Page - International Rectifier

  IRLML6401 Datasheet HTML 1Page - International Rectifier IRLML6401 Datasheet HTML 2Page - International Rectifier IRLML6401 Datasheet HTML 3Page - International Rectifier IRLML6401 Datasheet HTML 4Page - International Rectifier IRLML6401 Datasheet HTML 5Page - International Rectifier IRLML6401 Datasheet HTML 6Page - International Rectifier IRLML6401 Datasheet HTML 7Page - International Rectifier IRLML6401 Datasheet HTML 8Page - International Rectifier IRLML6401 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLML6401
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.2
V
TJ = 25°C, IS = -1.3A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
22
33
ns
TJ = 25°C, IF = -1.3A
Qrr
Reverse RecoveryCharge
–––
8.0
12
nC
di/dt = -100A/µs
‚
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Source-Drain Ratings and Characteristics
-1.3
-34
A
S
D
G
ƒ Surface mounted on 1" square single layer 1oz. copper FR4 board,
steady state.
„ Starting TJ = 25°C, L = 3.5mH
RG = 25Ω, IAS = -4.3A.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-12
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.007 –––
V/°C
Reference to 25°C, ID = -1mA
–––
––– 0.050
VGS = -4.5V, ID = -4.3A
‚
RDS(on)
Static Drain-to-Source On-Resistance
––– ––– 0.085
VGS = -2.5V, ID = -2.5A
‚
––– ––– 0.125
VGS = -1.8V, ID = -2.0A
‚
VGS(th)
Gate Threshold Voltage
-0.40 -0.55 -0.95
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
8.6
–––
–––
S
VDS = -10V, ID = -4.3A
–––
–––
-1.0
VDS = -12V, VGS = 0V
–––
–––
-25
VDS = -9.6V, VGS = 0V, TJ = 55°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -8.0V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 8.0V
Qg
Total Gate Charge
–––
10
15
ID = -4.3A
Qgs
Gate-to-Source Charge
–––
1.4
2.1
nC
VDS = -10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.6
3.9
VGS = -5.0V
‚
td(on)
Turn-On Delay Time
–––
11
–––
VDD = -6.0V
tr
Rise Time
–––
32
–––
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
250
–––
RD = 6.0Ω
tf
Fall Time
–––
210
–––
RG = 89Ω
‚
Ciss
Input Capacitance
–––
830
–––
VGS = 0V
Coss
Output Capacitance
–––
180
–––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
–––
125
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
IDSS
Drain-to-Source Leakage Current
nA
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com