Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV73328PDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV73328PDBVT
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV73328PDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV73328PDBVT Datasheet HTML 9Page - Texas Instruments TLV73328PDBVT Datasheet HTML 10Page - Texas Instruments TLV73328PDBVT Datasheet HTML 11Page - Texas Instruments TLV73328PDBVT Datasheet HTML 12Page - Texas Instruments TLV73328PDBVT Datasheet HTML 13Page - Texas Instruments TLV73328PDBVT Datasheet HTML 14Page - Texas Instruments TLV73328PDBVT Datasheet HTML 15Page - Texas Instruments TLV73328PDBVT Datasheet HTML 16Page - Texas Instruments TLV73328PDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
t
=
120·R
L
120+R
L
·C
OUT
13
TLV733P
www.ti.com
SBVS235B – OCTOBER 2014 – REVISED NOVEMBER 2015
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Undervoltage Lockout (UVLO)
The TLV733 uses an undervoltage lockout (UVLO) circuit that disables the output until the input voltage is
greater than the rising UVLO voltage, UVLORISE. This circuit ensures that the device does not exhibit any
unpredictable behavior when the supply voltage is lower than the operational range of the internal circuitry.
During UVLO disable, the output is connected to ground with a 120-
Ω pulldown resistor.
7.3.2 Shutdown
The enable pin (EN) is active high. Enable the device by forcing the EN pin to exceed VEN(HI) (0.9 V, minimum).
Turn off the device by forcing the EN pin to drop below 0.35 V. If shutdown capability is not required, connect EN
to IN.
The TLV733 has an internal pulldown MOSFET that connects a 120-
Ω resistor to ground when the device is
disabled. The discharge time after disabling depends on the output capacitance (COUT) and the load resistance
(RL) in parallel with the 120-Ω pulldown resistor. The time constant is calculated in Equation 1:
(1)
7.3.3 Internal Foldback Current Limit
The TLV733 has an internal foldback current limit that protects the regulator during fault conditions. The current
allowed through the device is reduced as the output voltage falls. When the output is shorted, the LDO supplies a
typical current of 150 mA. The output voltage is not regulated when the device is in current limit. In this condition,
the output voltage is the product of the regulated current and the load resistance. When the device output is
shorted, the PMOS pass transistor dissipates power [(VIN – VOUT) × IOS] until thermal shutdown is triggered and
the device turns off. After the device cools down, the internal thermal shutdown circuit turns the device back on.
If the fault condition continues, the device cycles between current limit and thermal shutdown. See the Thermal
Information table for more details.
The foldback current-limit circuit limits the current allowed through the device to current levels lower than the
minimum current limit at nominal VOUT current limit (ILIM) during startup. See Figure 18 to Figure 20 for typical
foldback current limit values. If the output is loaded by a constant-current load during startup, or if the output
voltage is negative when the device is enabled, then the load current demanded by the load may exceed the
foldback current limit and the device may not rise to the full output voltage. For constant-current loads, disable
the output load until the TLV733 has fully risen to its nominal output voltage.
The TLV733 PMOS pass element has an intrinsic body diode that conducts current when the voltage at the OUT
pin exceeds the voltage at the IN pin. Do not force the output voltage to exceed the input voltage because
excessively high current may flow through the body diode.
7.3.4 Thermal Shutdown
Thermal shutdown protection disables the output when the junction temperature rises to approximately 160°C.
Disabling the device eliminates the power dissipated by the device, allowing the device to cool. When the
junction temperature cools to approximately 140°C, the output circuitry is again enabled. Depending on power
dissipation, thermal resistance, and ambient temperature, the thermal protection circuit may cycle on and off.
This cycling limits regulator dissipation, protecting it from damage as a result of overheating.
Activating the thermal shutdown feature usually indicates excessive power dissipation as a result of the product
of the (VIN –VOUT) voltage and the load current. For reliable operation, limit junction temperature to 125°C
maximum. To estimate the margin of safety in a complete design, increase the ambient temperature until the
thermal protection is triggered; use worst-case loads and signal conditions.
The TLV733 internal protection circuitry protects against overload conditions but is not intended to be activated in
normal operation. Continuously running the TLV733 into thermal shutdown degrades device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com