Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV73333PDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV73333PDBVT
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV73333PDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV73333PDBVT Datasheet HTML 4Page - Texas Instruments TLV73333PDBVT Datasheet HTML 5Page - Texas Instruments TLV73333PDBVT Datasheet HTML 6Page - Texas Instruments TLV73333PDBVT Datasheet HTML 7Page - Texas Instruments TLV73333PDBVT Datasheet HTML 8Page - Texas Instruments TLV73333PDBVT Datasheet HTML 9Page - Texas Instruments TLV73333PDBVT Datasheet HTML 10Page - Texas Instruments TLV73333PDBVT Datasheet HTML 11Page - Texas Instruments TLV73333PDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TJ (qC)
-40
-20
0
20
40
60
80
100
120
140
0.425
0.45
0.475
0.5
0.525
0.55
0.575
0.6
0.625
0.65
0.675
D014
VEN(LO)
VEN(HI)
Foldback Current Limit (mA)
150 200 250 300 350 400 450 500 550 600 650 700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D023
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
VIN (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
8
16
24
32
40
D013
TJ = 25 qC
VIN (V)
0
1
2
3
4
5
6
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
D015
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
VIN (V)
2
2.5
3
3.5
4
4.5
5
5.5
1.796
1.798
1.8
1.802
1.804
1.806
1.808
1.81
1.812
1.814
1.816
D019
D010
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
IOUT (mA)
0
30
60
90
120
150
180
210
240
270
300
25
30
35
40
45
50
55
60
65
70
D012
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
8
TLV733P
SBVS235B – OCTOBER 2014 – REVISED NOVEMBER 2015
www.ti.com
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2.0 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted)
TLV73318PDBV
Figure 13. 1.8-V Regulation vs VIN (Line Regulation) and
Temperature
Figure 14. Ground Pin Current vs IOUT and Temperature
Figure 15. Ground Pin Current vs VIN
IOUT = 0 mA
Figure 16. Shutdown Current vs VIN and Temperature
Figure 17. Enable Threshold vs Temperature
TLV73310PDBV
Figure 18. 1.0-V Foldback Current Limit vs
IOUT and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com