Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2918DP Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC2918DP
Description  LOW ON-RESISTANCE HOT SWAP POWER MANAGER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2918DP Datasheet(HTML) 2 Page - Texas Instruments

  UCC2918DP Datasheet HTML 1Page - Texas Instruments UCC2918DP Datasheet HTML 2Page - Texas Instruments UCC2918DP Datasheet HTML 3Page - Texas Instruments UCC2918DP Datasheet HTML 4Page - Texas Instruments UCC2918DP Datasheet HTML 5Page - Texas Instruments UCC2918DP Datasheet HTML 6Page - Texas Instruments UCC2918DP Datasheet HTML 7Page - Texas Instruments UCC2918DP Datasheet HTML 8Page - Texas Instruments UCC2918DP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UCC2918/81510
LOW ONRESISTANCE HOT SWAP POWER MANAGER
SLUS457C − JULY 2000 - REVISED APRIL 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Fast overload protection is accomplished by an additional overload comparator. Its threshold is internally set
above the maximum sourcing current limit setting. In the event of a short circuit or extreme current condition,
this comparator is tripped, shutting down the output. This function is needed since the maximum sourcing
current limit loop has a finite bandwidth.
When the output current is below the fault level, the output MOSFET is switched on with a nominal resistance
of 0.075
Ω. When the output current exceeds the fault level or the maximum sourcing level, the output remains
on, but the fault timer starts charging a capacitor connected to the CT pin (CT). Once CT charges to a preset
threshold, the switch is turned off, and remains off for 30 times the programmed fault time. When the output
current reaches the maximum sourcing level, the MOSFET transitions from a switch to a constant current
source.
The UCC2918 is designed for unidirectional current flow, emulating an ideal diode in series with the power
switch. This feature is particularly attractive in applications where many devices are powering a common bus,
such as with SCSI termintation power (Termpwr). The UCC2918 can also be put into the sleep mode, drawing
only 1
µA of supply current.
Other features include an open-drain fault output indicator, thermal shutdown, undervoltage lockout, 3 V to 6 V
operation, and a low thermal resistance small-outline power package.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†}
Input voltage
8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SOIC power dissipation
2.5 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Fault output sink current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Fault output voltage
VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (dc)
Internally Limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
SHTDWN, IFAULT, IMAX
−0.3 V to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
−55
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 seconds)
300
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Unless otherwise indicated, voltages are reference to ground and currents are positive into, negative out of the specified terminal. Pulsed is
defined as a less than 10% duty cycle with a maximum duration of 500
µs. Consult Packaging Section of Databook for thermal limitations and
considerations of package.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com