Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5614Z Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5614Z
Description  9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5614Z Datasheet(HTML) 2 Page - Texas Instruments

  UCC5614Z Datasheet HTML 1Page - Texas Instruments UCC5614Z Datasheet HTML 2Page - Texas Instruments UCC5614Z Datasheet HTML 3Page - Texas Instruments UCC5614Z Datasheet HTML 4Page - Texas Instruments UCC5614Z Datasheet HTML 5Page - Texas Instruments UCC5614Z Datasheet HTML 6Page - Texas Instruments UCC5614Z Datasheet HTML 7Page - Texas Instruments UCC5614Z Datasheet HTML 8Page - Texas Instruments UCC5614Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UCC5614
SLUS349B − DECEMBER 1994 − REVISED APRIL 2005
2
www.ti.com
DESCRIPTION (CONTINUED)
The UCC5614 can be programmed for either a 110-
Ω or 2.5-kΩ termination. The 110-Ω termination is used for
standard SCSI bus lengths and the 2.5-k
Ω termination is typically used in short bus applications. When driving
the TTL compatible DISCNCT pin directly, the 110-
Ω termination is connected when the DISCNCT pin is driven
low, and disconnected when driven high. When the DISCNCT pin is driven through an impedance between
80 k
Ω and 150 kΩ, the terminator is in short bus mode. The 2.5-kΩ termination is connected when the DISCNCT
pin is driven low and disconnected when driven high.
The power amplifier output stage allows the UCC5614 to source full termination current and sink active negation
current when all termination lines are actively negated.
The UCC5614 is pin for pin compatible with Unitrode’s other 9-line SCSI terminators, allowing lower capacitance
and lower voltage upgrades to existing systems. The UCC5614, as with all Unitrode terminators, is completely
hot pluggable and appears as high impedance at the terminating channels with VTRMPWR = 0 V or open.
Internal circuit trimming is utilized, first to trim the 110-
Ω termination impedance to a 7% tolerance, and then most
importantly, to trim the output current to a 4% tolerance, as close to the max SCSI specification as possible,
which maximizes noise margin in fast SCSI operation.
Other features include thermal shutdown and current limit.
This device is offered in low thermal resistance versions of the industry standard 16-pin narrow body SOIC,
16-pin N and 24-pin TSSOP.
ORDERING INFORMATION
TA
PACKAGED DEVICE
TA
SOIC-16 (DP)
{
DIL-16 (N)
TSSOP-24 (PW)
}
0
°C to 70°C
UCC5614DP
UCC5614N
UCC5614PW
†
† The DP package is available taped and reeled in quanities of 2,500. Add TR suffix to device type (e.g. UCC5614DPTR) to order quantities of
2,500 devices per reel.
‡ The PW package is available taped and reeled in quanities of 2,000. Add TR suffix to device type (e.g. UCC5614PWTR) to order quantities of
2,000 devices per reel.
Obsolete Device



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com