Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS120 Datasheet(PDF) 2 Page - International Rectifier

Part # MBRS120
Description  SCHOTTKY RECTIFIER 1 Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRS120 Datasheet(HTML) 2 Page - International Rectifier

  MBRS120 Datasheet HTML 1Page - International Rectifier MBRS120 Datasheet HTML 2Page - International Rectifier MBRS120 Datasheet HTML 3Page - International Rectifier MBRS120 Datasheet HTML 4Page - International Rectifier MBRS120 Datasheet HTML 5Page - International Rectifier MBRS120 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRS120
Bulletin PD-20644 rev. D 03/03
2
www.irf.com
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
20
Voltage Ratings
Part number
MBRS120
V
FM
Max. Forward Voltage Drop
(1)
0.42
0.45
V
@ 1A
0.46
0.52
V
@ 2A
0.33
0.37
V
@ 1A
0.39
0.45
V
@ 2A
0.30
0.35
V
@ 1A
0.36
0.43
V
@ 2A
I
RM
Max. Reverse Leakage Current (1)
0.015
0.2
mA
T
J
= 25 °C
2.0
6.0
mA
T
J
= 100 °C
V
R
= rated V
R
7.0
20
mA
T
J
= 125 °C
CT
Typical Junction Capacitance
110
-
pF
VR = 5VDC (test signal range 100kHz to
1Mhz), @ 25°C
L
S
Typical Series Inductance
2.0
-
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
-
10000
V/ µs
(Rated VR)
T
J
= 25 °C
T
J
= 100 °C
Electrical Specifications
Parameters
Typ.
Max.
Units
Conditions
(1) Pulse Width < 300µs, Duty Cycle < 2%
T
J
= 125 °C
T
J
Max.Junction Temperature Range (*) - 65 to 150
°C
Tstg
Max. Storage Temperature Range
- 65 to 150
°C
R
thJL
Max. Thermal Resistance Junction
30
°C/W DC operation
to Lead
(**)
R
thJA
Max. Thermal Resistance Junction
80
°C/W
to Ambient
Wt
Approximate Weight
0.10(0.003) gr (oz)
Case Style
SMB
Similar DO-214AA
Device Marking
IR12
Parameters
Value
Units
Conditions
<
thermal runaway condition for a diode on its own heatsink
(**) Mounted 1 inch square PCB
Thermal-Mechanical Specifications
(*) dPtot
1
dTj
Rth( j-a)
I
F(AV)
Max. Average Forward Current
1.0
A
50% duty cycle @ T
L
= 138°C, rectangular wave form
I
FSM
Max. Peak One Cycle Non-Repetitive
310
5µs Sine or 3µs Rect. pulse
Surge Current
40
10ms Sine or 6ms Rect. pulse
E
AS
Non Repetitive Avalanche Energy
2.0
mJ
T
J
= 25 °C, I
AS
= 1A, L = 4mH
I
AR
Repetitive Avalanche Current
0.8
A
Current decaying linearly to zero in 1 µsec
Frequency limited by T
J max. Va = 1.5 x Vr typical
Parameters
Value
Units Conditions
Absolute Maximum Ratings
Following any rated
load condition and
with rated VRRMapplied



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com