Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF30H60CT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBRF30H60CT
Description  Dual High-Voltage Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF30H60CT Datasheet(HTML) 3 Page - Vishay Siliconix

  MBRF30H60CT Datasheet HTML 1Page - Vishay Siliconix MBRF30H60CT Datasheet HTML 2Page - Vishay Siliconix MBRF30H60CT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MBR30HxxCT, MBRF30HxxCT, MBRB30HxxCT
Vishay Semiconductors
formerly General Semiconductor
Document Number 88866
www.vishay.com
7-Feb-03
3
110
100
0
25
50
75
100
125
150
Fig. 3 – Typical Instantaneous
Forward Characteristics Per Leg
Fig. 5 – Typical Junction
Capacitance Per Leg
Fig. 6 – Typical Transient
Thermal Impedance Per Leg
Number of Cycles at 60 HZ
Reverse Voltage (V)
0
10
20
30
40
025
50
75
100
125
150
175
Fig. 1 – Forward Current
Derating Curve
Case Temperature (
°C)
Fig. 2 – Maximum Non-Repetitive
Peak Forward Surge Current Per Leg
0.01
0.1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
1
10
100
Instantaneous Forward Voltage (V)
Fig. 4 – Typical Reverse
Characteristics Per Leg
Percent of Rated Peak Reverse Voltage (%)
t, Pulse Duration (sec.)
020
60
40
100
80
0.0001
0.001
0.1
0.01
1
10
100
0.1
1
100
10
1000
100
10000
0.01
0.1
0.1
1
1
10
10
MBR30H35CT -- MBR30H45CT
MBR30H50CT -- MBR30H60CT
TJ = 150
°C
TJ = 125
°C
TJ = 25
°C
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
TJ = 25
°C
f = 1.0 MHZ
Vsig = 50mVp-p
TJ = 150
°C
TJ = 125
°C
TJ = 25
°C
MBR30H35CT -- MBR30H45CT
MBR30H50CT -- MBR30H60CT
MBR30H35CT -- MBR30H45CT
MBR30H50CT -- MBR30H60CT
MBRF
MBR, MBRB
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com