Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9448 Datasheet(PDF) 12 Page - Motorola, Inc

Part # MPC9448
Description  3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9448 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MPC9448 Datasheet HTML 4Page - Motorola, Inc MPC9448 Datasheet HTML 5Page - Motorola, Inc MPC9448 Datasheet HTML 6Page - Motorola, Inc MPC9448 Datasheet HTML 7Page - Motorola, Inc MPC9448 Datasheet HTML 8Page - Motorola, Inc MPC9448 Datasheet HTML 9Page - Motorola, Inc MPC9448 Datasheet HTML 10Page - Motorola, Inc MPC9448 Datasheet HTML 11Page - Motorola, Inc MPC9448 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MPC9448
MOTOROLA
TIMING SOLUTIONS
12
Information in this document is provided solely to enable system and software implementers to use Motorola products. There are no express or implied copyright
licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document.
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including
“Typicals” must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the
rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part.
MOTOROLA and the Stylized M Logo are registered in the US Patent and Trademark Office. All other product or service names are the property of their respective
owners.
E
Motorola Inc. 2003
HOW TO REACH US:
USA/EUROPE/LOCATIONS NOT LISTED:
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre,
2, Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
TECHNICAL INFORMATION CENTER:
852--26668334
1--800--521--6274 or 480--768--2130
HOME PAGE: http://motorola.com/semiconductors
JAPAN: Motorola Japan Ltd.; SPS, Technical Information Center,
3--20--1, Minami--Azabu, Minato--ku, Tokyo 106--8573 Japan
81--3--3440--3569
MPC9448/D
◊
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com