Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC114YK Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTC114YK
Description  NPN resistor-equipped transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC114YK Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTC114YK Datasheet HTML 6Page - NXP Semiconductors PDTC114YK Datasheet HTML 7Page - NXP Semiconductors PDTC114YK Datasheet HTML 8Page - NXP Semiconductors PDTC114YK Datasheet HTML 9Page - NXP Semiconductors PDTC114YK Datasheet HTML 10Page - NXP Semiconductors PDTC114YK Datasheet HTML 11Page - NXP Semiconductors PDTC114YK Datasheet HTML 12Page - NXP Semiconductors PDTC114YK Datasheet HTML 13Page - NXP Semiconductors PDTC114YK Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2004 Aug 17
10
Philips Semiconductors
Product specification
NPN resistor-equipped transistors;
R1 = 10 k
Ω, R2 = 47 kΩ
PDTC114Y series
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
99-09-13
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com