Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTDLF2000LC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # TTDLF2000LC
Description  SMT Data Line EMI Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

TTDLF2000LC Datasheet(HTML) 1 Page - Coilcraft lnc.

  TTDLF2000LC Datasheet HTML 1Page - Coilcraft lnc. TTDLF2000LC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMT Data Line EMI Filters – TTDLF
Document 123-1
Coilcraft surface mount filters are designed to virtually
eliminate the problem of conducted EMI in data line ap-
plications.They provide exceptional common mode noise
attenuation from 15 MHz to 300 MHz while passing signal
line data below 300 MHz with minimal attenuation.
These low resistance filters have been designed for excel-
lent electrical isolation (300 Vrms), environmental stability
and low cost.
Current
Inductance
DCR max
Weight
Color
Part number1
Lines
max (mA)2
min (µH)3
(mOhms)
(mg)
Dot
TTDLF 2000L_
2
100
5
250
258
Red
TTDLF 2500L_
2
500
5
200
265
Green
TTDLF 3000L_
3
100
5
250
263
Orange
TTDLF 3500L_
3
500
5
200
270
Violet
TTDLF 4000L_
4
100
5
250
268
Yellow
TTDLF 4500L_
4
500
5
200
270
Blue
1. When ordering, please specify
termination and packaging codes:
TTDLF 2500LD
Termination: L = RoHS compliant tin-silver-copper over silver-
platinum-glass frit.
Special order:
S = non-RoHS tinlead (63/37).
Packaging: C = 7
″ machine ready reel. EIA-481 embossed plastic
tape (500 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter D instead.
D = 13
″ machine ready reel. EIA-481 embossed plastic
tape (2200 parts per full reel).
2. Current rating is for each line.
3. Inductance is per winding, tested at 1 MHz.
4. Operating temperature range -40°C to +85°C.
5. Electrical specifications at 25°C.
30
20
10
0
-10
0.1
110
100
1000
Frequency (MHz)
Common Mode
Differential Mode
*Measured on HP 8753D network analyzer.
Typical Response*
Document 123-1 Revised 08/20/15
As of August 2015, the TTDLF 10000 is no longer
available; please consider our CCDLF 10000.
For the TTDLF 2x000, TTDLF 3x000 and
TTDLF 4x000, we now offer an even more economi-
cal version of this series: PDLF. The PDLF series is
electrically identical and fits the same land pattern.


Similar Part No. - TTDLF2000LC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
TTDLF2000L COILCRAFT-TTDLF2000L Datasheet
394Kb / 2P
SMT Data Line EMI Filters ??TTDLF
More results

Similar Description - TTDLF2000LC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CCDLF-10000L COILCRAFT-CCDLF-10000L Datasheet
203Kb / 2P
SMT Data Line EMI Filters
PDLF4000L COILCRAFT-PDLF4000L Datasheet
220Kb / 2P
SMT Data Line EMI Filters
TTDLF-2000L COILCRAFT-TTDLF-2000L Datasheet
229Kb / 2P
SMT Data Line EMI Filters
TTTRF2000LC COILCRAFT-TTTRF2000LC Datasheet
394Kb / 2P
SMT Data Line EMI Filters ??TTDLF
PDLF4500LC COILCRAFT-PDLF4500LC Datasheet
126Kb / 2P
SMT Data Line EMI Filters ??PDLF
PDLF4500LC COILCRAFT-PDLF4500LC Datasheet
126Kb / 2P
SMT Data Line EMI Filters ??PDLF
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
Data Line EMI Filters
logo
Coilcraft lnc.
CCDLF COILCRAFT-CCDLF_13 Datasheet
228Kb / 2P
SMT Data Line EMI Filters
PDLF COILCRAFT-PDLF_14 Datasheet
134Kb / 2P
SMT Data Line EMI Filters ??PDLF
CQ7584-AL COILCRAFT-CQ7584-AL_16 Datasheet
221Kb / 4P
SMT Data Line EMI Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com