Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC114YM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDTC114YM
Description  NPN resistor-equipped transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC114YM Datasheet(HTML) 3 Page - NXP Semiconductors

  PDTC114YM Datasheet HTML 1Page - NXP Semiconductors PDTC114YM Datasheet HTML 2Page - NXP Semiconductors PDTC114YM Datasheet HTML 3Page - NXP Semiconductors PDTC114YM Datasheet HTML 4Page - NXP Semiconductors PDTC114YM Datasheet HTML 5Page - NXP Semiconductors PDTC114YM Datasheet HTML 6Page - NXP Semiconductors PDTC114YM Datasheet HTML 7Page - NXP Semiconductors PDTC114YM Datasheet HTML 8Page - NXP Semiconductors PDTC114YM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2004 Aug 17
3
Philips Semiconductors
Product specification
NPN resistor-equipped transistors;
R1 = 10 k
Ω, R2 = 47 kΩ
PDTC114Y series
SIMPLIFIED OUTLINE, SYMBOL AND PINNING
TYPE NUMBER
SIMPLIFIED OUTLINE AND SYMBOL
PINNING
PIN
DESCRIPTION
PDTC114YS
1
base
2
collector
3
emitter
PDTC114YE
1
base
PDTC114YEF
2
emitter
PDTC114YK
3
collector
PDTC114YT
PDTC114YU
PDTC114YM
1
base
2
emitter
3
collector
handbook, halfpage
MAM364
1
2
3
R1
R2
2
3
1
handbook, halfpage
MDB269
1
2
3
Top view
R1
R2
1
2
3
handbook, halfpage
MHC506
1
2
3
R1
R2
2
1
3
bottom view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com