Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWB1040-PCL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SWB1040-PCL
Description  Wideband RF Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SWB1040-PCL Datasheet(HTML) 1 Page - Coilcraft lnc.

  SWB1040-PCL Datasheet HTML 1Page - Coilcraft lnc. SWB1040-PCL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Impedance
Pins 1–3
Pins 6–4
Part number
ratio2
IDC max
Frequency
Lmin3 DCRmax
Lmin3 DCR max
Schematic
Through-hole
Surface mount1
pri : sec
(mA)
(MHz)
(µH)
(Ohms)
(µH)
(Ohms)
SWB1010-PCL
SWB1010-SML_
1
: 1
250
0.005–100
780
0.320
780
0.320
SWB1010-1-PCL
SWB1010-1-SML_
1
:1
250
0.04–175
95
0.200
95
0.200
SWB1015-PCL
SWB1015-SML_
1.5
:1
250
0.1–150
80
0.145
51
0.130
SWB1040-PCL
SWB1040-SML_
4
:1
250
0.2–300
95
0.160
25
0.115
SWB2010-PCL
SWB2010-SML_
1
:1
250
0.005–100
780
0.320
780
0.320
SWB2010-1-PCL
SWB2010-1-SML_
1
:1
250
0.04–175
95
0.200
95
0.200
SWB2040-PCL
SWB2040-SML_
4
:1
250
0.2 – 300
95
0.160
25
0.115
SWB3010-PCL
SWB3010-SML_
1
:1
250
0.005–100
780
0.320
780
0.320
SWB3010-1-PCL
SWB3010-1-SML_
1
:1
250
0.04–175
95
0.200
95
0.200
SWB3015-PCL
SWB3015-SML_
1.5
:1
250
0.1–150
80
0.145
51
0.130
SWB3040-PCL
SWB3040-SML_
4
:1
250
0.2–300
95
0.160
25
0.115
Wideband RF Transformers–SWB
Document 1070-1
Document 1070-1 Revised 04/25/16
1. When ordering, please specify a
packaging code:
SWB3040-SMLD
Packaging: D = 13
″ machine ready reel. EIA-481 embossed plastic tape (500 parts per full reel).
B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead.
2. Impedance ratio is for the full primary winding to the full secondary winding.
3. Inductance tested at 130 kHz, 0.1 Vrms, 0 Adc.
4. Electrical specifications at 25°C. Measurements are referenced to 50 Ohms.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
6
4
3
Pri
Pri
Pri
Sec
Sec
Sec
1
3
1
6
5
4
6
5
4
3
2
1
Core material Ferrite
Terminations RoHS compliant matte tin over nickel over phos
bronze. Other terminations available at additional cost.
Weight 0.37 – 0.39 g
Ambient temperature –40°C to +85°C
Maximum part temperature +85°C (ambient + temp rise)
Storage temperature Component: –40°C to +85°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
60 per billion hours / 16,666,667 hours, calculated per Telcordia SR-332
Packaging (SM version): 500 per 13
″ reel;
Plastic tape: 24 mm wide, 0.45 mm thick, 20 mm pocket spacing,
6.6 mm pocket depth; (TH version): 70 per tube
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Surface mount and through hole versions
• 500 V, one minute interwinding isolation (hipot)
• 250 mA max current rating; 1/4 Watt RF input power
• For a smaller package size, see our PWB Series
6
4
3
Pri
Pri
Pri
Sec
Sec
Sec
1
3
1
6
5
4
6
5
4
3
2
1
6
4
3
Pri
Pri
Pri
Sec
Sec
Sec
1
3
1
6
5
4
6
5
4
3
2
1


Similar Part No. - SWB1040-PCL

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWB100N03 SEMIPOWER-SWB100N03 Datasheet
509Kb / 5P
N-channel MOSFET
More results

Similar Description - SWB1040-PCL

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT108-0 DATATRONICS-PT108-0 Datasheet
121Kb / 2P
WIDEBAND RF TRANSFORMERS
logo
Coilcraft lnc.
WB1010-PCL COILCRAFT-WB1010-PCL Datasheet
217Kb / 2P
Wideband RF Transformers
WB1010-PCL COILCRAFT-WB1010-PCL_16 Datasheet
213Kb / 2P
Wideband RF Transformers
logo
XFMRS Inc.
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
RF WIDEBAND TRANSFORMERS
XFWB0936-CO XFMRS-XFWB0936-CO Datasheet
51Kb / 1P
RF WIDEBAND TRANSFORMERS
XFWB0946-CO XFMRS-XFWB0946-CO Datasheet
43Kb / 1P
RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
RF WIDEBAND TRANSFORMERS
XFWB4-6-81 XFMRS-XFWB4-6-81 Datasheet
40Kb / 1P
RF WIDEBAND TRANSFORMERS
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
RF WIDEBAND TRANSFORMERS
XFWB1155-DO XFMRS-XFWB1155-DO Datasheet
51Kb / 1P
RF WIDEBAND TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com