Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA502CT Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPA502CT
Description  N-CHANNEL MOSFET FOR SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA502CT Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPA502CT Datasheet HTML 1Page - Renesas Technology Corp UPA502CT Datasheet HTML 2Page - Renesas Technology Corp UPA502CT Datasheet HTML 3Page - Renesas Technology Corp UPA502CT Datasheet HTML 4Page - Renesas Technology Corp UPA502CT Datasheet HTML 5Page - Renesas Technology Corp UPA502CT Datasheet HTML 6Page - Renesas Technology Corp UPA502CT Datasheet HTML 7Page - Renesas Technology Corp UPA502CT Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS1277EJ0200 Rev.2.00
Page 1 of 6
Jul 06, 2015
Preliminary Data Sheet
µPA502CT
N-CHANNEL MOSFET FOR SWITCHING
Description
The µPA502CT, N-channel vertical type MOSFET designed for general-purpose switch, is a device which can be
driven directly by a 4.5 V power source.
Features
 Two MOSFET circuits (Two source common)
Directly driven by a 4.5 V power source.
 Low on-state resistance
RDS(on)1 = 2.7
 MAX. (VGS = 10 V, ID = 100 mA)
RDS(on)2 = 3.2
 MAX. (VGS = 4.5 V, ID = 50 mA)
Ordering Information
Part Number
Lead Plating
Packing
Package
µPA502CT-T1-A/AT
-A : Sn-Bi , -AT : Pure Sn
3000p/Reel
SC-74A (5pMM)
Remark
"-A/AT" indicates Pb-free. This product does not contain Pb in external electrode and other parts.
Marking UE
Absolute Maximum Ratings (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
20
V
Drain Current (DC)
ID(DC)
100
mA
Drain Current (pulse) Note
ID(pulse)
200
mA
Total Power Dissipation
PT
300 (Total)
mW
Channel Temperature
Tch
150
C
Storage Temperature
Tstg
55 to 150
C
Note
PW
 10
s, Duty Cycle  1%
R07DS1277EJ0200
Rev.2.00
Jul 06, 2015


Similar Part No. - UPA502CT

ManufacturerPart #DatasheetDescription
logo
NEC
UPA502T NEC-UPA502T Datasheet
62Kb / 6P
N-CHANNEL MOS FET 5-PIN 2 CIRCUITS
logo
Renesas Technology Corp
UPA502T RENESAS-UPA502T Datasheet
177Kb / 8P
MOS FIELD EFFECT TRANSISTOR
1995
More results

Similar Description - UPA502CT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N0412N RENESAS-N0412N Datasheet
217Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002 Datasheet
172Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002_15 Datasheet
172Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
2SK2857C RENESAS-2SK2857C Datasheet
196Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA572CT RENESAS-UPA572CT Datasheet
143Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA606CT RENESAS-UPA606CT Datasheet
175Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA672CT RENESAS-UPA672CT Datasheet
163Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA606C RENESAS-UPA606C Datasheet
174Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
Jul 24, 2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com