Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP121/123 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP121/123
Description  2째C Accurate Digital Temperature Sensor with SPI Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP121/123 Datasheet(HTML) 3 Page - Texas Instruments

  TMP121/123 Datasheet HTML 1Page - Texas Instruments TMP121/123 Datasheet HTML 2Page - Texas Instruments TMP121/123 Datasheet HTML 3Page - Texas Instruments TMP121/123 Datasheet HTML 4Page - Texas Instruments TMP121/123 Datasheet HTML 5Page - Texas Instruments TMP121/123 Datasheet HTML 6Page - Texas Instruments TMP121/123 Datasheet HTML 7Page - Texas Instruments TMP121/123 Datasheet HTML 8Page - Texas Instruments TMP121/123 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TMP125
SBOS323A − DECEMBER 2004 − REVISED JUNE 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = −40°C to +125°C and VS = +2.7V to 5.5V, unless otherwise noted.
TMP125
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
−40
+125
°C
Accuracy (temperature error)
−25
°C to +85°C
±0.5
±2.0
°C
−40
°C to +125°C
±1.0
±2.5
°C
Resolution
10
Bits
Temperature Measurement Noise
0.1
LSB
DIGITAL INPUT/OUTPUT
Input Logic Levels:
VIH
0.7(V+)
V
VIL
0.3(V+)
V
Input Current, SI, SCK, CS
IIN
0V = VIN = V+
±1
µA
Output Logic Levels:
VOL SO
ISINK = 3mA
0.4
V
VOH SO
ISOURCE = 2mA
(V+)−0.4
V
Input Capacitance, SI, SCK, CS
2.5
pF
Conversion Time
10-Bit
60
ms
Update Rate
120
ms
POWER SUPPLY
Operating Range
2.7
5.5
V
Quiescent Current, at TA = 25°C
IQ
Serial Bus Inactive
36
50
µA
over Temperature
−40
°C to +125°C
60
µA
Shutdown Current
0.1
1
µA
over Temperature
1
µA
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−55
+125
°C
Storage Range
−60
+150
°C
Thermal Resistance
qJA
SOT23-6 Surface-Mount
200
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com