Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4271 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 9Page - Texas Instruments THS4271 Datasheet HTML 10Page - Texas Instruments THS4271 Datasheet HTML 11Page - Texas Instruments THS4271 Datasheet HTML 12Page - Texas Instruments THS4271 Datasheet HTML 13Page - Texas Instruments THS4271 Datasheet HTML 14Page - Texas Instruments THS4271 Datasheet HTML 15Page - Texas Instruments THS4271 Datasheet HTML 16Page - Texas Instruments THS4271 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
www.ti.com
13
Figure 37
1
100
10 k
100 k
1 M
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
POWER-DOWN OUTPUT IMPEDANCE
vs
FREQUENCY
Gain = 1
RL = 150 Ω
VIN = 1 dBm
VS = ±5 V
Figure 38
0
0.5
10
15
20
25
30
35
40
45
0
1020
30
4050
60
70
0.5
2
3.5
5
6.5
t − Time −
µs
TURNON AND TURNOFF TIMES DELAY TIME
Gain = −1
RL = 150 Ω
VS = ±5 V
Input
−1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com