Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2426 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2426
Description  THE RAIL SPLITTER PRECISION VIRTUAL GROUND
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2426 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLE2426 Datasheet HTML 6Page - Texas Instruments TLE2426 Datasheet HTML 7Page - Texas Instruments TLE2426 Datasheet HTML 8Page - Texas Instruments TLE2426 Datasheet HTML 9Page - Texas Instruments TLE2426 Datasheet HTML 10Page - Texas Instruments TLE2426 Datasheet HTML 11Page - Texas Instruments TLE2426 Datasheet HTML 12Page - Texas Instruments TLE2426 Datasheet HTML 13Page - Texas Instruments TLE2426 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TLE2426, TLE2426Y
THE “RAIL SPLITTER”
PRECISION VIRTUAL GROUND
SLOS098D – AUGUST 1991 – REVISED MAY 1998
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VI = 5 V, IO = 0, TA = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TLE2426Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
VI = 5 V
2.5
V
Supply current
No load
170
µA
Output voltage regulation (sourcing current)†
IO = 0 to – 10 mA
–45
µV
Output voltage regulation (sourcing current)†
IO = 0 to – 20 mA
– 150
µV
Output voltage regulation (sinking current)†
IO = 0 to 10 mA
15
µV
Output voltage regulation (sinking current)†
IO = 0 to 20 mA
65
µV
Output impedance
7.5
m
Ω
Noise-reduction impedance
110
k
Ω
Short circuit current
Sinking current,
VO = 5 V
26
mA
Short-circuit current
Sourcing current,
VO = 0
–47
mA
Output noise voltage rms
f=10Hzto10kHz
CNR = 0
120
µV
Output noise voltage, rms
f = 10 Hz to 10 kHz
CNR = 1 µF
30
µV
VO to 0 1%
IO = ± 10 mA
CL = 0
290
Output voltage current step response
VO to 0.1%,
IO = ± 10 mA
CL = 100 pF
275
µs
Output voltage current step response
VO to 0 01%
IO = ± 10 mA
CL = 0
400
µs
VO to 0.01%,
IO = ± 10 mA
CL = 100 pF
390
Step response
VI = 0 to 5 V,
VO to 0.1%
CL = 100 pF
20
µs
Step response
VI = 0 to 5 V,
VO to 0.01%
CL = 100 pF
160
µs
† The listed values are not production tested.
electrical characteristics at specified free-air temperature, VI = 12 V, IO = 0, TA = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TLE2426Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
VI = 12 V
6
V
Supply current
No load
195
µA
Output voltage regulation (sourcing current)†
IO = 0 to – 10 mA
–45
µV
Output voltage regulation (sourcing current)†
IO = 0 to – 20 mA
– 150
µV
Output voltage regulation (sinking current)†
IO = 0 to 3 mA
15
µV
Output voltage regulation (sinking current)†
IO = 0 to 20 mA
65
µV
Output impedance
7.5
m
Ω
Noise-reduction impedance
110
k
Ω
Short circuit current
Sinking current,
VO = 12 V
31
mA
Short-circuit current
Sourcing current,
VO = 0
–70
mA
Output noise voltage rms
f=10Hzto10kHZ
CNR = 0
120
µV
Output noise voltage, rms
f = 10 Hz to 10 kHZ
CNR = 1 µF
30
µV
VO to 0 1%
IO = ± 10 mA
CL = 0
290
Output voltage current step response
VO to 0.1%,
IO = ± 10 mA
CL = 100 pF
275
µs
Output voltage current, step response
VO to 0 01%
IO = ± 10 mA
CL = 0
400
µs
VO to 0.01%,
IO = ± 10 mA
CL = 100 pF
390
Step response
VI = 0 to 12 V,
VO to 0.1%
CL = 100 pF
12
µs
Step response
VI = 0 to 12 V,
VO to 0.01%
CL = 100 pF
120
µs
† The listed values are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com