Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16X Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAS16X
Description  High speed Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAS16X Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAS16X Datasheet HTML 1Page - Diode Semiconductor Korea BAS16X Datasheet HTML 2Page - Diode Semiconductor Korea BAS16X Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High speed Switching Diode
BAS16X
FEATURES
Pb
Lead-free
Small package.
High speed switching.
APPLICATIONS
High speed switching application.
SOD-523
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS16X
A6
SOD-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
DC Reverse voltage
VR
75
V
Continuous forward current
IF
200
mA
Peak forward surge current
IFM
500
mA
Total power dissipation
Ptot
150
mW
Total resistance junction to ambient
RθJA
635
℃/W
Junction temperature
Tj
150
℃
Storage temperature
Tstg
-55-150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse breakdown voltage
V(BR)R
75
V
IR=100μA
Forward voltage
VF
0.715
0.815
1
1.25
V
IF=1mA
IF=10mA
IF=50mA
IF=150mA
Reverse current
IR
1.0
μA
VR=75V
Diode capacitance
Cd
2.0
pF
VR=0V,f=1MHz
Reverse recovery time
trr
6
ns
IF=IR=10mA,RL=50Ω
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAS16X

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS16X JIANGSU-BAS16X Datasheet
141Kb / 2P
Swithching Diode
logo
Galaxy Semi-Conductor H...
BAS16X BILIN-BAS16X Datasheet
196Kb / 3P
High speed Switching Diode
logo
Micro Commercial Compon...
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
150mW 75Volt Switching Diode
logo
Shenzhen Luguang Electr...
BAS16X LUGUANG-BAS16X Datasheet
278Kb / 2P
High Speed Switching Diodes
logo
WILLAS ELECTRONIC CORP
BAS16X WILLAS-BAS16X Datasheet
402Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
More results

Similar Description - BAS16X

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com