Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEK Datasheet(PDF) 2 Page - Dubilier

Part # CEK
Description  ALUMINIUM ELECTROLYTIC MINIATURE RADIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

CEK Datasheet(HTML) 2 Page - Dubilier

  CEK Datasheet HTML 1Page - Dubilier CEK Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
39
CAPACITORS
ALUMINIUM ELECTROLYTIC MINIATURE RADIAL CEK
Dø
4
5
6.3
8
P
1.5
2.0
2.5
3.5
dø
0.45
0.5
Availability is in both 5mm Cropped and Formed and SL Straight
Lead Natural Pitch.
STANDARD PRODUCTS
V
6.3
10
16
25
35
50
63
µF
0.1
1
1
0.22
2
2
0.33
3
4
0.47
5
6
1.0
10
13
2.2
19
21
3.3
24
26
4.7
24
24
29
33
10
29
36
44
22
34
38
44
51
57
33
42
47
57
63
47
50
59
68
75
100
77
80
90
220
80
90
100
V
6.3
10
16
25
35
50
63
µF
øxl/mm øxl/mm øxl/mm øxl/mm øxl/mm øxl/mm øxl/mm
0.1
4x7
4x7
0.22
4x7
4x7
0.33
4x7
4x7
0.47
4x7
4x7
1.0
4x7
4x7
2.2
4x7
4x7
3.3
4x7
4x7
4.7
4x7
4x7
4x7
5x7
10
4x7
4x7
5x7
22
4x7
4x7
4x7
5x7
5x7
33
4x7
4x7
4x7
5x7
47
4x7
4x7
5x7
6x7
100
5x7
5x7
6x7
220
6x7
6x7
8x9
330
6.3x7
8x7
470
8x7
PERMISSIBLE RIPPLE CURRENT
OUTLINE DRAWING
RANGE & CASE SIZE
L + 1
15 min
5
min
d ø
Vinyl Sleeve
P
D ø+0.5
±
0.5
Dimensions in mm
www.dubilier.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com