Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U641B Datasheet(PDF) 4 Page - ATMEL Corporation

Part # U641B
Description  INTERVAL AND WIPE/WASH WIPER CONTROL IC WITH DELAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U641B Datasheet(HTML) 4 Page - ATMEL Corporation

  U641B Datasheet HTML 1Page - ATMEL Corporation U641B Datasheet HTML 2Page - ATMEL Corporation U641B Datasheet HTML 3Page - ATMEL Corporation U641B Datasheet HTML 4Page - ATMEL Corporation U641B Datasheet HTML 5Page - ATMEL Corporation U641B Datasheet HTML 6Page - ATMEL Corporation U641B Datasheet HTML 7Page - ATMEL Corporation U641B Datasheet HTML 8Page - ATMEL Corporation U641B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
U641B
4773A–AUTO–11/03
Figure 3. Application Circuit with Interval and Wipe/Wash Operation
1
2
6
5
8
7
3
4
10 k
Ω
R
6
47 µF
10 V
22 µF
R
time = 130 KΩ
510
Ω
10 k
Ω
M
M
Relay
Park
switch
31
15
Wiper motor
Interval switch
Water pump
WIWA
U641B
2.7 k
Ω
10 k
Ω
R
5
C
1
R
1
S
1
R
2
C
2
R
4
S
2
R
3
S
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com