Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP Datasheet(PDF) 1 Page - Dubilier

Part # DMP
Description  5mm BOX POLYESTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DMP Datasheet(HTML) 1 Page - Dubilier

  DMP Datasheet HTML 1Page - Dubilier DMP Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
85
CAPACITORS
5mm BOX POLYESTER DMP
Maximum Operating Temperature:
-55°C to 125°C
Voltage Range:
63Vdc, 40Vrms@ 60Hz
100Vdc, 63Vrms @ 60Hz, Higher voltage parts
available on request
Capacitance Tolerance:
±5% (J), ±10% (K)
Test Voltage:
1.4 x Vdc for 2 seconds
Dissipation Factor tan∂(in 10-3):
C≤0.1µF
0.1µF < C ≤ 1µF
C > 1µF
at 20°C
at 1kHz
8
8
10
10kHz
15
15
-
100kHz
30
-
-
Pulse Rise Time
63Vdc - 160V/µs
Volts per µsec
100Vdc - 200 V/µs
Insulation resistance at 20°C,
V
C ≤ 0.33µF
C> 0.33µF
rel. humidity ≤ 65%
≤100
3750MΩ
1250 s
≤ 250
7500MΩ
2500 s
ORDERING INFORMATION
OUTLINE DRAWING
SPECIFICATION
RANGE, DIMENSIONS & QUANTITIES
Voltage
Capacitance
Max. Dimensions (mm)
Reel
dc
b
h
l
Pack Qty
100v
1nF
2.5
6.5
7.2
2800
1.5nF
2.5
6.5
7.2
2800
2.2nF
2.5
6.5
7.2
2800
3.3nF
2.5
6.5
7.2
2800
4.7nF
2.5
6.5
7.2
2800
6.8nF
2.5
6.5
7.2
2800
10nF
2.5
6.5
7.2
2800
15nF
2.5
6.5
7.2
2800
22nF
2.5
6.5
7.2
2800
33nF
2.5
6.5
7.2
2800
47nF
2.5
6.5
7.2
2800
56nF
2.5
6.5
7.2
2800
68nF
2.5
6.5
7.2
2800
63v
100nF
7.8
13.0
7.8
1000
150nF
2.5
6.5
7.2
2800
220nF
3.0
6.5
7.2
2400
330nF
3.5
8.0
7.2
2000
470nF
3.5
8.0
7.2
2000
680nF
4.5
9.5
7.2
1500
1000nF
5.0
10.0
7.2
1400
1500nF
6.0
10.5
7.2
1100
2200nF
7.8
13.0
7.8
1000
5mm pitch stacked film Polyester
For use in standard applications
Plastic case UL94V-0
Epoxy resin seal
High contact reliability - high pressure strength
Recommended for high volume auto insertion in tape and reel format
l
5±0.4
b
0.5
DMP
10
10N
J
TR
Range
10 = 100V
Blank = 63V
Value nF
Tolerance
J = 5%
K = 10%
TR = Tape Reel
Blank = Loose
www.dubilier.co.uk


Similar Part No. - DMP

ManufacturerPart #DatasheetDescription
logo
Techcon Systems Inc.
DMP-5624 TECHCON-DMP-5624 Datasheet
457Kb / 2P
TS5624 Disposable Diaphragm Valve to market” Disposable Material Path
logo
DDK Ltd.
DMP-SA-MMCXP DDK-DMP-SA-MMCXP Datasheet
710Kb / 5P
Micro-Miniature Coaxial Connectors
DMP-SA-PDMJ DDK-DMP-SA-PDMJ Datasheet
673Kb / 31P
Conversion Connector
DMP-SA-PDMP DDK-DMP-SA-PDMP Datasheet
673Kb / 31P
Conversion Connector
DMP-SA-PLFJ DDK-DMP-SA-PLFJ Datasheet
673Kb / 31P
Conversion Connector
More results

Similar Description - DMP

ManufacturerPart #DatasheetDescription
logo
Dubilier
DMP1010NJTR DUBILIER-DMP1010NJTR Datasheet
151Kb / 2P
CAPACITORS 5mm BOX POLYESTER DMP
LBMP0.47100K7.5-TR DUBILIER-LBMP0.47100K7.5-TR Datasheet
237Kb / 6P
CAPACITORS BOX POLYESTER LBMP
MMP10470NKTR DUBILIER-MMP10470NKTR Datasheet
237Kb / 2P
CAPACITORS 5mm BOX POLYESTER MMP
logo
Suntan Capacitors
TS02B SUNTAN-TS02B Datasheet
397Kb / 2P
METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
logo
Dubilier
LBMP DUBILIER-LBMP Datasheet
346Kb / 6P
BOX POLYESTER
MMP DUBILIER-MMP Datasheet
288Kb / 2P
5mm BOX POLYESTER
logo
jb Capacitors Company
JFD JBCAPACITORS-JFD_15 Datasheet
271Kb / 2P
Box Type Met Polyester Film Capacitor
logo
Suntan Capacitors
TS05 SUNTAN-TS05_17 Datasheet
298Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR ??MINI BOX
logo
jb Capacitors Company
JFD JBCAPACITORS-JFD_17 Datasheet
279Kb / 2P
Box Type Met Polyester Film Capacitor
logo
Cornell Dubilier Electr...
160 CDE-160_17 Datasheet
442Kb / 6P
Radial Box Metallized Polyester Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com