Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP368 Datasheet(PDF) 2 Page - Dubilier

Part # DP368
Description  DIPPED POLYESTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DP368 Datasheet(HTML) 2 Page - Dubilier

  DP368 Datasheet HTML 1Page - Dubilier DP368 Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
84
CAPACITORS
DIPPED POLYESTER DP368
CASE DIMENSIONS (±2mm)
OUTLINE DRAWING
T
L
Hc
5±1
d
P
Voltage DC/AC
Capacitance Pitch (P)
100V
250V
400V
630V
µF
mm.
L
T
H
L
T
H
L
T
H
L
T
H
0.01
10.0
12.5
3
13.5 12.5
3
13.5
0.015
10.0
12.5
3
13.5 12.5
4
13.5
0.022
10.0
12.5
3.5 13.5 12.5 4.5
13.5
0.033
10
12.5
4
13.5
15
17.5
5
15
0.047
10
12.5
4
13.5 12.5
4
13.5
15
17.5
5.5
16 17.5 6.5
16
0.068
10
12.5 4.5 13.5
15
17.5
5.5
15 17.5
7
17
0.1
10
12.5
4
13.5
12.5
4
13.5
15
17.5
5.5
15 17.5
8
17.5
22.5
25
6
17
0.15
10
12.5
4
13.5
12.5
5
14
15
17.5
5
14.5 17.5
5
14.5
22.5
25
7.5
18.5
0.22
10
12.5
4
13.5
15
17.5
6
14.5 17.5
6
15
22.5
25
6
17
25
7.5
22
0.33
10
12.5 4.5 13.5
15
17.5
6
15
17.5
6
15 17.5
6.5
16
22.5
25
7
18.5 25
9.5
24
27.5
30
8.5
22.5
0.47
10
12.5
5
14
15
17.5 5.5
15
17.5
7
16 17.5
8
17.5
22.5
25
5.5
17
25
6.5 17.5 25
11
25.5
27.5
30
10
24.5
0.68
10
12.5
4
13.5
15
17.5
5
14.5
17.5
8
17.5
22.5
25
6.5 17.5 25
7.5
21
27.5
30
7.5
22
30
9.5
24
1
10
12.5 4.5 13.5
15
17.5
6
15.5
17.5 7.5
17
22.5
25
7.5
19
25
8
22.5
27.5
30
7
21.5 30
9.5
21.5
1.5
15
17.5 7.5 16.5
17.5 9.5
19
22.5
25
5.5
17
25
9.5 20.5
27.5
30
7
21.5 30
8.5
23
2.2
15
17.5 8.5
18
22.5
25
7
18
25
9.5 24.5
27.5
30
8.5
23
3.3
22.5
25
7
21.5
27.5
30 10.5 25.5
4.7
22.5
25
7
21.5
27.5
30
7.5
22
6.8
27.5
30
9
23.5
10
27.5
31
16
25
www.dubilier.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com