Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS Datasheet(PDF) 2 Page - Dubilier

Part # DS
Description  CERAMIC SURFACE MOUNT MULTI - LAYER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DS Datasheet(HTML) 2 Page - Dubilier

  DS Datasheet HTML 1Page - Dubilier DS Datasheet HTML 2Page - Dubilier DS Datasheet HTML 3Page - Dubilier DS Datasheet HTML 4Page - Dubilier DS Datasheet HTML 5Page - Dubilier DS Datasheet HTML 6Page - Dubilier DS Datasheet HTML 7Page - Dubilier DS Datasheet HTML 8Page - Dubilier DS Datasheet HTML 9Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
14
SURFACE MOUNT
CERAMIC SURFACE MOUNT MULTI - LAYER DS
ULTRA STABLE CERAMIC CHIP CAPACITORS NICKEL BARRIER TERMINATIONS
Dielectric
NPO
Case Size
0402
0603
0805
1206
1210
1812
Rated Voltage (VDC)
16
50
100
16
50
100
16
50
100
16
50
100
16
50
100
50
100
0.5pf(0R5)
x
x
x
x
x
x
1.0pf (1R0)
x
x
x
x
x
x
1.2pf (1R2)
x
x
x
x
x
x
1.5pf(1R5)
x
x
x
x
x
x
x
x
1.8pf (1R8)
x
x
x
x
x
x
x
x
2.2pf (2R2)
x
x
x
x
x
x
x
x
2.7pf (2R7)
x
x
x
x
x
x
x
x
3.3pf (3R3)
x
x
x
x
x
x
x
x
3.9pf (3R9)
x
x
x
x
x
x
x
x
4.7fpf(4R7)
x
x
x
x
x
x
x
x
5.6pf (5R6)
x
x
x
x
x
x
x
x
6.8pf (6R8)
x
x
x
x
x
x
x
x
8.2pf (8R2)
x
x
x
x
x
x
x
x
10pf(100)
x
x
x
x
x
x
x
x
x
x
12pf (120)
x
x
x
x
x
x
x
x
x
x
15pf (150)
x
x
x
x
x
x
x
x
x
x
18pf (180)
x
x
x
x
x
x
x
x
x
x
22pf (220)
x
x
x
x
x
x
x
x
x
x
x
27pf (270)
x
x
x
x
x
x
x
x
x
x
x
33pf (330)
x
x
x
x
x
x
x
x
x
x
x
39pf (390)
x
x
x
x
x
x
x
x
x
x
x
47pf (470)
x
x
x
x
x
x
x
x
x
x
x
56pf (560)
x
x
x
x
x
x
x
x
x
x
68pf(680)
x
x
x
x
x
x
x
x
x
x
82pf (820)
x
x
x
x
x
x
x
x
x
x
100pf (101)
x
x
x
x
x
x
x
x
x
x
120pf (121)
x
x
x
x
x
x
x
x
x
150pf (151)
x
x
x
x
x
x
x
x
x
180pf (181)
x
x
x
x
x
x
x
x
x
220pf (221)
x
x
x
x
x
x
x
x
x
270pf (271)
x
x
x
x
x
x
x
x
x
330pf (331)
x
x
x
x
x
x
x
x
x
390pf(391)
x
x
x
x
x
x
x
x
x
470pf (471)
x
x
x
x
x
x
x
x
x
560pf (561)
x
x
x
x
x
x
x
x
680pf (681)
x
x
x
x
x
x
x
x
820pf (821)
x
x
x
x
x
x
x
x
1,000pf (102)
x
x
x
x
x
x
x
x
x
1,200pf (122)
x
x
x
x
x
x
x
x
x
1,500pf (152)
x
x
x
x
x
x
x
x
x
1,800pf (182)
x
x
x
x
x
x
x
x
x
2,200pf (222)
x
x
x
x
x
x
x
x
x
2,700pf (272)
x
x
x
x
x
x
x
x
x
3,300pf (332)
x
x
x
x
x
x
x
x
x
3,900pf (392)
x
x
x
x
x
x
x
x
4,700pf (472)
x
x
x
x
x
x
x
5,600pf (562)
x
x
x
x
x
x
x
6,800pf (682)
x
x
x
x
x
x
x
8,200pf (822)
x
x
x
x
x
x
x
0.01uf (103)
x
x
x
x
x
x
0.012uf (123)
x
x
x
x
x
x
x
0.015uf (153)
x
x
x
x
x
x
x
0.018uf (183)
x
x
x
0.022uf (223)
x
x
x
0.027uf (273)
x
x
x
0.033uf (333)
x
x
x
0.039uf (393)
x
RANGE
www.dubilier.co.uk



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com