Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH Datasheet(PDF) 2 Page - Dubilier

Part # SH
Description  TANTALUM DIPPED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

SH Datasheet(HTML) 2 Page - Dubilier

  SH Datasheet HTML 1Page - Dubilier SH Datasheet HTML 2Page - Dubilier SH Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
107
CAPACITORS
TANTALUM DIPPED SH
Capacitance/µF
0.1 to 1.5
2.2 to 6.8
10 to 68
100 to 220
Tan ∂
0.04
0.06
0.08
0.1
Test Time/Hr
2000 ± 48
Leakage Current/µA
Less than 125% of initial value
Capacitance/µF
Within ± 10% of initial value
Tan ∂
Less than or equal to initial value
V
6.3
10
16
25
35
50
µF
0.1
26.0
26.0
0.15
21.0
21.0
0.22
17.0
17.0
0.33
15.0
15.0
0.47
13.0
13.0
0.68
10.0
10.0
1.0
10.0
8.0
8.0
1.5
10.0
8.0
6.0
5.0
2.2
13.0
8.0
6.0
5.0
3.5
3.3
13.0
10.0
6.0
5.0
4.0
3.0
4.7
10.0
8.0
5.0
4.0
3.0
2.5
6.8
8.0
6.0
4.0
3.1
2.5
2.0
10
6.0
5.0
3.2
2.5
2.0
1.6
15
5.0
3.7
2.5
2.0
1.6
1.2
22
3.7
2.7
2.0
1.5
1.3
1.0
33
3.0
2.1
1.6
1.2
1.0
47
2.0
1.7
1.3
1.0
0.8
68
1.8
1.3
1.0
0.8
100
1.6
1.0
0.8
150
0.9
0.8
0.6
220
0.9
0.6
0.5
330
0.7
0.5
Impedance measured at 100KHz and 25˚C.
Operating Properties
It is recommended that the following operating modes are not
imposed on the capacitors;
Over or reverse voltage
Over temperature
Power rating exceeded
High current surge due to low impedance (we recommend
that the circuit impedance should be 3Ω/V minimum).
Material Content
Tantalum capacitors contain no material normally considered as
hazardous. Materials include: Epoxy Resin, Graphite, Manganese
Dioxide, Tantalum, Tantalum Oxide. Noxious fumes may be emitted
if incinerated.
Stability at
-55˚C Capacitance within ± 12% max
Temperature Extremes
(better than -5% typ) +85˚C
Capacitance within ± 12% max (better
than +5% typ). Leakage current within
10% initial value.
Humidity 40˚C,
Capacitance within 10% of initial value.
90-95% RH 21 days
Leakage current within 125% of initial
value.Tan ∂ less than or equal to initial
value.
Shelf Life
Capacitance within 10% of initial value.
2000Hr @ 85˚C; no
Leakage current within125% of initial
voltage applied
value. Tan ∂ less than or equal to initial
value.
Surge Voltage 1000
Capacitance within 5% of initial value.
cycles @ 85˚C
Leakage current less than or equal to
initial value. Tan ∂ less than or equal to
initial value.
Rated Voltage/V
6.3
10
16
25
35
50
Surge Voltage/V
8
13
20
32
44
63
Temperature - Voltage
6.3
10
16
25
35
50
de-rating @ 125˚C
4
6.3
10
16
23
33
TAN ∂
IMPEDANCE (ohms MAX.)
SAFETY
ENDURANCE
ELECTRICAL
www.dubilier.co.uk



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com