Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WDK Datasheet(PDF) 6 Page - Dubilier

Part # WDK
Description  CERAMIC DISC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

WDK Datasheet(HTML) 6 Page - Dubilier

  WDK Datasheet HTML 1Page - Dubilier WDK Datasheet HTML 2Page - Dubilier WDK Datasheet HTML 3Page - Dubilier WDK Datasheet HTML 4Page - Dubilier WDK Datasheet HTML 5Page - Dubilier WDK Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
10
CLASS 3. CAPACITANCE TABLE
CAPACITORS
CERAMIC WDC/WDK/WDF
TEMPERATURE CHARACTERISTICS
SPECIFICATION
Code
Temp.Range
Cap. Change
EIA. Code
Y
-25°C ~+85°C +22% ~ 82%
Y5V
Operating Temperature Range
-25°C to 85°C
Minimum Capacitance Tolerance
± 20%
Rated Voltage
16, 25, 50 VDC
Test Voltage
2.5 times rated voltage for 1.5 sec.
Insulation Resistance
See table below
Temperature Characteristic
See table below
Power Factor
7% max at 1KHz
Life Test
Apply rated voltage at 85°C for 500 hours
Lead Wire
#24 or #22 AWG tinned copper wire, Pb free
Lead Spacing Tolerance
± 0.8mm
D max
3.5 max
0.6ø
or 0.5ø
F
Unit: mm
CERAMIC DISC CAPACITORS SEMICONDUCTIVE (WDF)
PACKAGE FORMAT & DIMENSIONS
51±1
30±1
360 max.
Unit: mm
(Reel Type if Required)
Capacitor quantity: 2,000 or 2,500 per reel.
50±3
250±3
330±3
(Box Type Standard)
Capacitor quantity: 2,000 per box.
Dia Max
Fmm
16v - 25v
6
5
0.022
8
5
0.033 - 0.1
11
5
0.22
www.dubilier.co.uk



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com