Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AISC-2220H Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-2220H
Description  UNSHIELDED SMD POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-2220H Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-2220H Datasheet HTML 1Page - Abracon Corporation AISC-2220H Datasheet HTML 2Page - Abracon Corporation AISC-2220H Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNSHIELDED SMD POWER INDUCTOR
|||||||||||||| |
AISC-2220H
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
5.7 x 5.0 x 4.7mm
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California
92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 12.28.12
Visit www.abracon.com for Terms & Conditions of Sale
• Excellent solderability and low DC resistance
• High current capacity
• Suitable for using as a choke in DC power supply circuits
• Cell phones
• High frequency communication products
• PCs, Disk Drives and Computer Peripherals
PARAMETERS
ABRACON P/N:
AISC-2220H-xxx Series
Operating temperature:
-40°C to + 85°C
Storage temperature:
-40°C to + 85°C, 80% RH max.
Part Number
Inductance
Tolerance
Test
DCR max
IDC max
SRF min
AISC-2220H-
Frequency
Inductance Code
(uH)
K, M
and Voltage
(Ω)
(A)
(MHz)
AISC-2220H-R12
0.12
M
1MHz, 0.1V
0.0098
6.000
450
AISC-2220H-R27
0.27
M
1MHz, 0.1V
0.0140
5.300
300
AISC-2220H-R47
0.47
M
1MHz, 0.1V
0.0182
4.800
200
AISC-2220H-1R0
1.0
M
1MHz, 0.1V
0.0270
4.000
150
AISC-2220H-1R5
1.5
M
1MHz, 0.1V
0.0310
3.700
110
AISC-2220H-2R2
2.2
M
1MHz, 0.1V
0.0410
3.200
80
AISC-2220H-3R3
3.3
M
1MHz, 0.1V
0.0500
2.900
40
AISC-2220H-4R7
4.7
M
1MHz, 0.1V
0.0574
2.700
30
AISC-2220H-6R8
6.8
M
1MHz, 0.1V
0.1040
2.000
25
AISC-2220H-100
10
K, M
1MHz, 0.1V
0.1300
1.700
20
AISC-2220H-150
15
K, M
1MHz, 0.1V
0.210
1.400
17
AISC-2220H-220
22
K, M
1MHz, 0.1V
0.266
1.200
15
AISC-2220H-330
33
K, M
1MHz, 0.1V
0.448
0.900
12
AISC-2220H-470
47
K, M
1MHz, 0.1V
0.560
0.800
10
AISC-2220H-680
68
K, M
1MHz, 0.1V
0.938
0.640
7.6
AISC-2220H-101
100
K, M
100KHz, 0.1V
1.204
0.560
6.5
AISC-2220H-151
150
K, M
100KHz, 0.1V
2.660
0.420
5.0
AISC-2220H-221
220
K, M
100KHz, 0.1V
3.360
0.320
4.0
AISC-2220H-331
330
K, M
100KHz, 0.1V
6.160
0.270
3.1
AISC-2220H-471
470
K, M
100KHz, 0.1V
7.560
0.240
2.4
AISC-2220H-681
680
K, M
100KHz, 0.1V
11.34
0.190
1.9
AISC-2220H-102
1000
K, M
10KHz, 0.1V
14.42
0.150
1.7
AISC-2220H-222
2200
K, M
10KHz, 0.1V
30.10
0.100
1.2
AISC-2220H-472
4700
K, M
10KHz, 0.1V
61.04
0.070
0.8
AISC-2220H-103
10000
K, M
10KHz, 0.1V
140.0
0.050
0.5
Test Conditions and Equipment
Rated DC Current: The current when the inductance becomes 10% lower than its initial value or the
current when the temperature of coil increases by 20°C, whichever is smaller. (Ta=25°C)
L&Q: HP4285A Precision LCR meter
DCR: Milli-ohm meter
MSL level: 1


Similar Part No. - AISC-2220H

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0402 ABRACON-AISC-0402 Datasheet
98Kb / 1P
SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
AISC-0402 ABRACON-AISC-0402 Datasheet
1Mb / 5P
Ceramic Wire Wound Inductors
1-21-21
AISC-0402-10N-J ABRACON-AISC-0402-10N-J Datasheet
1Mb / 5P
Ceramic Wire Wound Inductors
1-21-21
AISC-0402F ABRACON-AISC-0402F Datasheet
1Mb / 3P
FERRITE WIRE WOUND INDUCTORS
09.29.14
AISC-0402F-18N ABRACON-AISC-0402F-18N Datasheet
1Mb / 3P
FERRITE WIRE WOUND INDUCTORS
09.29.14
More results

Similar Description - AISC-2220H

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DH1364 MACOM-DH1364 Datasheet
59Kb / 3P
SMD Unshielded Self-Leaded Inductor
DN1047 MACOM-DN1047 Datasheet
76Kb / 3P
SMD Unshielded Inductor Series
DU1311 MACOM-DU1311 Datasheet
377Kb / 3P
SMD Unshielded Power Inductor Series
logo
Accetek Electronics (Sh...
1MG ACCETEK-1MG Datasheet
284Kb / 4P
Unshielded Power Inductor
1MH ACCETEK-1MH Datasheet
280Kb / 3P
Unshielded Power Inductor
logo
Abracon Corporation
AISC-1206H ABRACON-AISC-1206H Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
08.06.13
ASPI-5619 ABRACON-ASPI-5619 Datasheet
1Mb / 3P
SMD Unshielded Power Inductor
10.03.13
ASPI-XXXXHC ABRACON-ASPI-XXXXHC Datasheet
875Kb / 2P
SMD UNSHIELDED LOW PROFILE POWER INDUCTOR
10.05.09
logo
Stackpole Electronics, ...
LPC SEI-LPC Datasheet
609Kb / 8P
SMD Unshielded Power Inductor
08/30/2019
LP_SERIES SEI-LP_SERIES Datasheet
591Kb / 7P
SMD Unshielded Power Inductor
10/03/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com