Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC165 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC165
Description  High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC165 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC165 Datasheet HTML 1Page - Texas Instruments CD54HC165 Datasheet HTML 2Page - Texas Instruments CD54HC165 Datasheet HTML 3Page - Texas Instruments CD54HC165 Datasheet HTML 4Page - Texas Instruments CD54HC165 Datasheet HTML 5Page - Texas Instruments CD54HC165 Datasheet HTML 6Page - Texas Instruments CD54HC165 Datasheet HTML 7Page - Texas Instruments CD54HC165 Datasheet HTML 8Page - Texas Instruments CD54HC165 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS156C
Features
• Buffered Inputs
• Asynchronous Parallel Load
• Complementary Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD54HC165, CD54HCT165
(CERDIP)
CD74HC165, CD74HCT165
(PDIP, SOIC)
TOP VIEW
Description
The ’HC165 and ’HCT165 are 8-bit parallel or serial-in shift
registers with complementary serial outputs (Q7 and Q7)
available from the last stage. When the parallel load (PL)
input is LOW, parallel data from the D0 to D7 inputs are
loaded into the register asynchronously. When the PL is
HIGH, data enters the register serially at the DS input and
shifts one place to the right (Q0→Q1→Q2, etc.) with each
positive-going clock transition. This feature allows parallel-
to-serial converter expansion by typing the Q7 output to the
DS input of the succeeding device.
For predictable operation the LOW-to-HIGH transition of CE
should only take place while CP is HIGH. Also, CP an d CE
should be LOW before the LOW-to-HIGH transition of PL to
prevent shifting the data when PL goes HIGH.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
PL
CP
D4
D5
D6
D7
GND
Q7
VCC
D3
D2
D1
D0
DS
Q7
CE
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC165F3A
-55 to 125
16 Ld CERDIP
CD54HCT165F3A
-55 to 125
16 Ld CERDIP
CD74HC165E
-55 to 125
16 Ld PDIP
CD74HC165M
-55 to 125
16 Ld SOIC
CD74HC165MT
-55 to 125
16 Ld SOIC
CD54HC165M96
-55 to 125
16 Ld SOIC
CD74HCT165E
-55 to 125
16 Ld PDIP
CD74HCT165M
-55 to 125
16 Ld SOIC
CD74HCT165MT
-55 to 125
16 Ld SOIC
CD54HCT165M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
February 1998 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC165, CD74HC165,
CD54HCT165, CD74HCT165
High-Speed CMOS Logic
8-Bit Parallel-In/Serial-Out Shift Register
[ /Title
(CD74H
C165,
CD74H
CT165)
/Subject
(High
Speed
CMOS
Logic 8-
Bit Par-
allel-


Similar Part No. - CD54HC165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC165 TI-CD54HC165 Datasheet
418Kb / 15P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC165 TI2-CD54HC165 Datasheet
933Kb / 21P
CDx4HC165, CDx4HCT165 High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
REVISED NOVEMBER 2021
CD54HC165F3A TI-CD54HC165F3A Datasheet
418Kb / 15P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC165F3A TI2-CD54HC165F3A Datasheet
933Kb / 21P
CDx4HC165, CDx4HCT165 High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
REVISED NOVEMBER 2021
CD54HC165F3A.A TI2-CD54HC165F3A.A Datasheet
933Kb / 21P
CDx4HC165, CDx4HCT165 High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
REVISED NOVEMBER 2021
More results

Similar Description - CD54HC165

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Texas Instruments
CD74HC164 TI-CD74HC164 Datasheet
47Kb / 7P
High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC165 TI-CD74HC165 Datasheet
52Kb / 9P
High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HC166 TI-CD74HC166 Datasheet
274Kb / 13P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164 Datasheet
269Kb / 11P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC164 TI-CD54HC164_07 Datasheet
339Kb / 15P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC165 TI-CD54HC165_07 Datasheet
418Kb / 15P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC166 TI-CD54HC166_08 Datasheet
564Kb / 16P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_08 Datasheet
444Kb / 14P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com