Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16H Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # BAS16H
Description  Surface Mount Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BAS16H Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  BAS16H Datasheet HTML 1Page - Bruckewell Technology LTD BAS16H Datasheet HTML 2Page - Bruckewell Technology LTD BAS16H Datasheet HTML 3Page - Bruckewell Technology LTD BAS16H Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS16H
Surface Mount Switching Diodes
Publication Order Number: [BAS16H]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Fast switching.
• Designed for surface mount application.
• Plastic material-UL recognition flammability
classification 94V-O
• RoHS compliant package
Applications
• Surface mount fast switching diode
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MAXIMUM RATING @ Ta=25°C unless otherwise specified
Symbol
Parameter
Value
Unit
VR
Continuous Reverse Voltage
75
V
IF
Forward Continuous Current
200
mA
IFSM
Peak forward surge current
500
mA
Pd
Power Dissipation
200
mW
RθJA
Thermal Resistance Junction to Ambient
635
°C/W
Tj,Tstg
Junction and Storage Temperature Rage
-55 to +150
°C


Similar Part No. - BAS16H

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS16H WEITRON-BAS16H Datasheet
241Kb / 4P
Surface Mount Switching Diode
logo
NXP Semiconductors
BAS16H PHILIPS-BAS16H Datasheet
55Kb / 10P
High-speed switching diode in SOD123F package
Rev. 01-15 April 2005
BAS16H NXP-BAS16H Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
logo
SeCoS Halbleitertechnol...
BAS16H SECOS-BAS16H Datasheet
100Kb / 2P
Surface Mount Small Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAS16H BILIN-BAS16H Datasheet
175Kb / 3P
Surface Mount Switching Diodes
Rev.A
More results

Similar Description - BAS16H

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
SURFACE MOUNT SWITCHING DIODES
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAV16W PANJIT-BAV16W_09 Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56 PANJIT-BAW56_10 Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56TB PANJIT-BAW56TB Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56W PANJIT-BAW56W_09 Datasheet
99Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com