Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM335ZCE270 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335ZCE270
Description  Digital Media System-on-Chip (DMSoC)
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM335ZCE270 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320DM335ZCE270 Datasheet HTML 17Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 18Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 19Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 20Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 21Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 22Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 23Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 24Page - Texas Instruments TMS320DM335ZCE270 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 160 page
background image
TMS320DM335
www.ti.com
SPRS528C – JULY 2008 – REVISED JUNE 2010
Table 2-9. Asynchronous EMIF/NAND/OneNAND Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
Async EMIF: Lowest numbered chip select. Can be programmed to be used for
EM_CE0/
standard asynchronous memories (example: flash), OneNAND, or NAND
J16
I/O/Z
VDD
GIO037
memory. Used for the default boot and ROM boot modes.
GIO: GIO[037]
Async EMIF: Second chip select. Can be programmed to be used for standard
EM_CE1/
G19
I/O/Z
VDD
asynchronous memories(example: flash), OneNAND, or NAND memory.
GIO036
GIO: GIO[036]
Async EMIF: Write Enable
EM_WE/
J15
I/O/Z
VDD
NAND/SM/xD: WE (Write Enable) output
GIO035
GIO: GIO[035]
Async EMIF: Output Enable
EM_OE/
F19
I/O/Z
VDD
NAND/SM/xD: RE (Read Enable) output
GIO034
GIO: GIO[034]
Async EMIF: Async WAIT
EM_WAIT/
G18
I/O/Z
VDD
NAND/SM/xD: RDY/ BSY input
GIO033
GIO: GIO[033]
EM_ADV/
OneNAND: Address valid detect for OneNAND interface
H16
I/O/Z
VDD
GIO032
GIO: GIO[032]
EM_CLK/
OneNAND: Clock for OneNAND flash interface
E19
I/O/Z
VDD
GIO031
GIO: GIO[031]
2.7
DDR Memory Interface
The DDR EMIF supports DDR2 and mobile DDR.
Table 2-10. DDR Terminal Functions
TERMINAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
DDR_CLK
W9
I/O/Z
VDD_DDR
DDR Data Clock
DDR_CLK
W8
I/O/Z
VDD_DDR
DDR Complementary Data Clock
DDR_RAS
T6
I/O/Z
VDD_DDR
DDR Row Address Strobe
DDR_CAS
V9
I/O/Z
VDD_DDR
DDR Column Address Strobe
DDR_WE
W10
I/O/Z
VDD_DDR
DDR Write Enable
DDR_CS
T8
I/O/Z
VDD_DDR
DDR Chip Select
DDR_CKE
V10
I/O/Z
VDD_DDR
DDR Clock Enable
DDR_DQM[1]
U15
I/O/Z
VDD_DDR
Data mask outputs:
•
DDR_DQM[1] - For DDR_DQ[15:8]
DDR_DQM[0]
T12
I/O/Z
VDD_DDR
•
DDR_DQM[0] - For DDR_DQ[7:0]
DDR_DQS[1]
V15
I/O/Z
VDD_DDR
Data strobe input/outputs for each byte of the 16-bit data bus used to
synchronize the data transfers. Output to DDR when writing and inputs when
reading.
DDR_DQS[0]
V12
I/O/Z
VDD_DDR
•
DDR_DQS[1] - For DDR_DQ[15:8]
•
DDR_DQS[0] - For DDR_DQ[7:0]
DDR_BA[2]
V8
I/O/Z
VDD_DDR
Bank select outputs. Two are required for 1Gb DDR2 memories.
DDR_BA[1]
U7
I/O/Z
VDD_DDR
Bank select outputs. Two are required for 1Gb DDR2 memories.
DDR_BA[0]
U8
I/O/Z
VDD_DDR
Bank select outputs. Two are required for 1Gb DDR2 memories.
DDR_A13
U6
I/O/Z
VDD_DDR
DDR Address Bus bit 13
DDR_A12
V7
I/O/Z
VDD_DDR
DDR Address Bus bit 12
DDR_A11
W7
I/O/Z
VDD_DDR
DDR Address Bus bit 11
DDR_A10
V6
I/O/Z
VDD_DDR
DDR Address Bus bit 10
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3 , Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
Copyright © 2008–2010, Texas Instruments Incorporated
Device Overview
21
Submit Documentation Feedback
Product Folder Link(s): TMS320DM335



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com