Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647CUT9 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 50Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 51Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 52Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 53Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 54Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 55Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 56Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 57Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
5
Device Operating Conditions
5.1
Absolute Maximum Ratings
Over Operating Temperature Range (Unless Otherwise Noted)
(1)
Supply voltage ranges:
Core (CVDD, CVDDESS, CVDD1, AVDDA,
1.20-V operation
-0.5 V to 1.5 V
DVDDD, AVDDT)
(2)
I/O, 3.3V (DVDD33)
(2)
-0.5 V to 4.2 V
I/O, 1.8V (DVDD18, AVDLL1, AVDLL2, AVDDR)
(2)
-0.5 to 2.5 V
Input voltage ranges:
VI I/O, 3.3-V pins
-0.5 V to 4.2 V
VI I/O, 1.8 V
-0.5 V to 2.5 V
Output voltage ranges:
VO I/O, 3.3-V pins
-0.5 V to 4.2 V
VO I/O, 1.8 V
-0.5 V to 2.5 V
Operating case temperature, Tcase
Commercial
0°C to 90°C
Extended
-40°C to 105°C
Industrial
-40°C to 90°C
Storage temperature range, Tstg
(default)
-65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
54
Device Operating Conditions
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com