Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2412 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # 2SC2412
Description  TRANSISTOR (NPN)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

2SC2412 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  2SC2412 Datasheet HTML 1Page - Bruckewell Technology LTD 2SC2412 Datasheet HTML 2Page - Bruckewell Technology LTD 2SC2412 Datasheet HTML 3Page - Bruckewell Technology LTD 2SC2412 Datasheet HTML 4Page - Bruckewell Technology LTD 2SC2412 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC2412
TRANSISTOR (NPN)
Publication Order Number: [2SC2412]
© Bruckewell Technology Corporation Rev. A -2014
Description
Features
• Low Cob ,Cob = 2.0 pF (Typ).
• RoHS compliant package
Marking : BQ, BR, BS
Packing & Order Information
3,000/Reel
Graphic symbol


Similar Part No. - 2SC2412

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2412 ROHM-2SC2412 Datasheet
77Kb / 3P
2SC4097 / 2SC1741S
logo
Galaxy Semi-Conductor H...
2SC2412 BILIN-2SC2412 Datasheet
318Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
SeCoS Halbleitertechnol...
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
Rectron Semiconductor
2SC2412 RECTRON-2SC2412 Datasheet
296Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
logo
SeCoS Halbleitertechnol...
2SC2412 SECOS-2SC2412 Datasheet
461Kb / 3P
NPN Epitaxial Planar Transistor
More results

Similar Description - 2SC2412

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com