Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6437 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6437
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6437 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320DM6437 Datasheet HTML 29Page - Texas Instruments TMS320DM6437 Datasheet HTML 30Page - Texas Instruments TMS320DM6437 Datasheet HTML 31Page - Texas Instruments TMS320DM6437 Datasheet HTML 32Page - Texas Instruments TMS320DM6437 Datasheet HTML 33Page - Texas Instruments TMS320DM6437 Datasheet HTML 34Page - Texas Instruments TMS320DM6437 Datasheet HTML 35Page - Texas Instruments TMS320DM6437 Datasheet HTML 36Page - Texas Instruments TMS320DM6437 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 2-10. EMIFA Terminal Functions (EMIFA Pinout Mode 1, AEM[2:0] = 001) (continued)
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
This pin is multiplexed between VPBE (VENC), EMIFA (NAND), and
GPIO.
For EMIFA (NAND), this pin is Chip Select 2 output EM_CS2 for use
with NAND flash.
G0/EM_CS2/
IPD
C19
C22
I/O/Z
This is the chip select for the default boot and ROM boot modes.
GP[12]
DVDD33
Note: This pin features an internal pulldown (IPD). If this pin is
connected and used as an EMIFA chip select signal, for proper device
operation, an external pullup resistor must be used to ensure the
EM_CSx function defaults to an inactive (high) state.
This pin is multiplexed between VPBE (VENC), EMIFA (NAND), and
GPIO.
For EMIFA (NAND), this pin is Chip Select 3 output EM_CS3 for use
LCD_OE/EM_CS3/
IPD
with NAND flash.
C18
D22
I/O/Z
GP[13]
DVDD33
Note: This pin features an internal pulldown (IPD). If this pin is
connected and used as an EMIFA chip select signal, for proper device
operation, an external pullup resistor must be used to ensure the
EM_CSx function defaults to an inactive (high) state.
This pin is multiplexed between VPBE (VENC), EMIFA (NAND), and
GPIO.
For EMIFA (NAND), it is Chip Select 4 output EM_CS4 for use with
VSYNC/EM_CS4/
IPD
NAND flash.
E19
H22
I/O/Z
GP[32]
DVDD33
Note: This pin features an internal pulldown (IPD). If this pin is
connected and used as an EMIFA chip select signal, for proper device
operation, an external pullup resistor must be used to ensure the
EM_CSx function defaults to an inactive (high) state.
This pin is multiplexed between VPBE (VENC), EMIFA (NAND), and
GPIO.
For EMIFA (NAND), it is Chip Select 5 output EM_CS5 for use with
HSYNC/EM_CS5/
IPD
NAND flash.
F19
J22
I/O/Z
GP[33]
DVDD33
Note: This pin features an internal pulldown (IPD). If this pin is
connected and used as an EMIFA chip select signal, for proper device
operation, an external pullup resistor must be used to ensure the
EM_CSx function defaults to an inactive (high) state.
COUT0/EM_D0/
IPD
D16
E21
I/O/Z
GP[14]
DVDD33
COUT1/EM_D1/
IPD
D18
G20
I/O/Z
GP[15]
DVDD33
COUT2/EM_D2/
IPD
D17
E22
I/O/Z
GP[16]
DVDD33
These pins are multiplexed between VPBE (VENC), EMIFA (NAND),
COUT3/EM_D3/
IPD
E16
F20
I/O/Z
and GPIO.
GP[17]
DVDD33
COUT4/EM_D4/
IPD
For EMIFA (NAND) AEM[2:0] = 001, these are the 8-bit bi-directional
E18
G21
I/O/Z
GP[18]
DVDD33
data bus (EM_D[7:0]).
COUT5/EM_D5/
IPD
E17
F22
I/O/Z
GP[19]
DVDD33
COUT6/EM_D6/
IPD
F16
F21
I/O/Z
GP[20]
DVDD33
COUT7/EM_D7/
IPD
F17
H20
I/O/Z
GP[21]
DVDD33
Submit Documentation Feedback
Device Overview
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com