Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM432 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM432
Description  Dual Op Amp with On-Chip Fixed 2.5V Reference
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM432 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM432 Datasheet HTML 1Page - National Semiconductor (TI) LM432 Datasheet HTML 2Page - National Semiconductor (TI) LM432 Datasheet HTML 3Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LM432
Dual Op Amp with On-Chip Fixed 2.5V Reference
General Description
The LM432 integrates two operational amplifiers and one
2.5V reference. The reference is based on the LMV431
adjustable shunt regulator with the output voltage adjusted
to a fixed 2.5V. The Op Amps are similar to the LM358 with
a common-mode input range that includes ground. Integrat-
ing the reference and Op Amps creates a solution for low
cost charging applications.
Applications
n
Low cost charging circuitry
n
Power supplies and adapters
Features
Dual Op Amp Circuitry
(Typical for V
S= 5V)
n
Input offset voltage
0.6mV
n
Input offset current
1nA
n
Input bias current
3nA
n
Common-mode input voltage range
0V to V
S−1V
n
Power supply current
150µA
Reference Circuitry
n
Reference voltage
2.5V
n
Reference voltage deviation (−40˚C to 85˚C)
4mV
n
Sink Current Capability
0.2mA to 10mA
Connection Diagram
8-Pin SOIC
10139001
Top View
Application Circuit
10139002
Optocoupler Driver Circuit for Power Supply Isolation
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC
Drawing
8-Pin SOIC
LM432MA
LM432MA
Rails
M08A
LM432MAX
LM432MA
2.5k Unit Tape and Reel
July 2001
© 2004 National Semiconductor Corporation
DS101390
www.national.com


Similar Part No. - LM432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM432 TI1-LM432 Datasheet
683Kb / 9P
LM432 Dual Op Amp with On-Chip Fixed 2.5V Reference
logo
Connor-Winfield Corpora...
LM432-155.52M CONNOR-WINFIELD-LM432-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Cystech Electonics Corp...
LM432AA3 CYSTEKEC-LM432AA3 Datasheet
229Kb / 9P
Adjustable shunt regulator
LM432AN3 CYSTEKEC-LM432AN3 Datasheet
229Kb / 9P
Adjustable shunt regulator
LM432BA3 CYSTEKEC-LM432BA3 Datasheet
229Kb / 9P
Adjustable shunt regulator
More results

Similar Description - LM432

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM433 NSC-LM433 Datasheet
61Kb / 3P
Dual Op Amp with On-Chip Fixed 2.5V Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
DUAL OP AMP AND VOLTAGE REFERENCE
logo
GTM CORPORATION
GSC103 GTM-GSC103 Datasheet
194Kb / 4P
DUAL OP-AMP AND 2.5V 짹 0.7% VOLTAGE REFERENCE
logo
SeCoS Halbleitertechnol...
SPW8103S SECOS-SPW8103S Datasheet
749Kb / 4P
Dual OP-AMP and 2.5V 0.7% Voltage Reference
logo
National Semiconductor ...
LM432 NSC-LM432_14 Datasheet
679Kb / 9P
LM432 Dual Op Amp with On-Chip Fixed 2.5V Reference
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
DUAL OP AMP AND VOLTAGE REFERENCE
Rev 3
logo
Texas Instruments
LM432 TI1-LM432 Datasheet
683Kb / 9P
LM432 Dual Op Amp with On-Chip Fixed 2.5V Reference
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com