Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4690 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC4690
Description  500kHz 1A SuperSwitcher Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4690 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC4690 Datasheet HTML 3Page - Micrel Semiconductor MIC4690 Datasheet HTML 4Page - Micrel Semiconductor MIC4690 Datasheet HTML 5Page - Micrel Semiconductor MIC4690 Datasheet HTML 6Page - Micrel Semiconductor MIC4690 Datasheet HTML 7Page - Micrel Semiconductor MIC4690 Datasheet HTML 8Page - Micrel Semiconductor MIC4690 Datasheet HTML 9Page - Micrel Semiconductor MIC4690 Datasheet HTML 10Page - Micrel Semiconductor MIC4690 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
June 2001
7
MIC4690
MIC4690
Micrel
Block Diagrams
SW
FB
R1
R2
COUT
VIN
IN
VOUT
MIC4690 [adj.]
Internal
Regulator
SHDN
500kHz
Oscillator
Thermal
Shutdown
Reset
Current
Limit
Com-
parator
Error
Amp
Driver
1.23V
Bandgap
Reference
VV
R1
R2
1
R1 R2
V
V
1
V
1.23V
OUT
REF
OUT
REF
REF
=+


=−


=
Adjustable Regulator
Functional Description
The MIC4690 is a variable duty cycle switch-mode regulator
with an internal power switch. Refer to the block diagrams.
Supply Voltage
The MIC4690 operates from a +4V to +30V (transients to
34V) unregulated input. Highest efficiency operation is from
a supply voltage around +12V. See the efficiency curve on
page 5.
Enable/Shutdown
The shutdown (SHDN) input is TTL compatible. A logic-low
enables the regulator. A logic-high shuts down the internal
regulator which reduces the current to typically 1.5
µA when
V
SHDN = VIN = 12V and 30µA when VSHDN = 5V. See
“Shutdown Input Behavior: Shutdown Hysteresis.”
Feedback
Fixed-voltage versions of the regulator have an internal
resistive divider from the feedback (FB) pin. Connect FB
directly to the output voltage.
Adjustable versions require an external resistive voltage
divider from the output voltage to ground, center tapped to the
FB
pin. See Figure 1b for recommended resistor values.
Duty Cycle Control
A fixed-gain error amplifier compares the feedback signal
with a 1.23V bandgap voltage reference. The resulting error
amplifier output voltage is compared to a 500kHz sawtooth
waveform to produce a voltage controlled variable duty cycle
output.
A higher feedback voltage increases the error amplifier
output voltage. A higher error amplifier voltage (comparator
inverting input) causes the comparator to detect only the
peaks of the sawtooth, reducing the duty cycle of the com-
parator output. A lower feedback voltage increases the duty
cycle. The MIC4690 uses a voltage-mode control architec-
ture.
Output Switching
When the internal switch is ON, an increasing current flows
from the supply V
IN, through external storage inductor L1, to
output capacitor C
OUT and the load. Energy is stored in the
inductor as the current increases with time.
When the internal switch is turned OFF, the collapse of the
magnetic field in L1 forces current to flow through fast
recovery diode D1, charging C
OUT.
Output Capacitor
External output capacitor C
OUT provides stabilization and
reduces ripple.
Return Paths
During the ON portion of the cycle, the output capacitor and
load currents return to the supply ground. During the OFF
portion of the cycle, current is being supplied to the output
capacitor and load by storage inductor L1, which means that
D1 is part of the high-current return path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com