Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F008ASB Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS28F008ASB
Description  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F008ASB Datasheet(HTML) 5 Page - Texas Instruments

  TMS28F008ASB Datasheet HTML 1Page - Texas Instruments TMS28F008ASB Datasheet HTML 2Page - Texas Instruments TMS28F008ASB Datasheet HTML 3Page - Texas Instruments TMS28F008ASB Datasheet HTML 4Page - Texas Instruments TMS28F008ASB Datasheet HTML 5Page - Texas Instruments TMS28F008ASB Datasheet HTML 6Page - Texas Instruments TMS28F008ASB Datasheet HTML 7Page - Texas Instruments TMS28F008ASB Datasheet HTML 8Page - Texas Instruments TMS28F008ASB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED MARCH 1998
5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
device symbol nomenclature
E = 2.7 − 3.6-V/5-V VCC and 3-V/5-V/12-V VPP
L = 3.0 − 3.6-V VCC and 3-V/5-V/12-V VPP
S = 3.0 − 3.6-V/5-V VCC and 3-V/5-V/12-V VPP
V = 2.7−3.6 VCC and 3-V/5-V/12-V VPP
Z = 4.5-V−5.5-V VCC and 3-V/5-V/12-V VPP
(See Note A)
Temperature Range Designator
L = Commercial (0
°C to 70°C)
E = Extended (− 40
°C to 85°C)
Q = Automotive (− 40
°C to 125°C)
Package Designator
DBJ = Plastic Small-Outline Package (44-Pin)
DCD = Plastic Dual Small-Outline Package (48-Pin)
DCD = Plastic Dual Small-Outline Package (40-Pin)
Program/Erase Endurance
C
= 100 000 Cycles
B
= 10 000 Cycles
Speed Designator
70 = 70 ns
80 = 80 ns
10 = 100 ns
12 = 120 ns
70
C
DBJ
L
TMS28FXXXA
Boot-Block Location Indicator
T = Top Location
B = Bottom Location
T
008
800
X
NOTE A: VCC and VPP are nominal unless otherwise stated.
Table 1. VCC/VPP Voltage Configurations
DEVICE CONFIGURATION
READ VOLTAGE (VCC)
PROGRAM/ERASE VOLTAGE (VPP)
TMS28F800AEy
2.7 V to 3.6 V/5 V
± 10 %
3 V/5 V
± 10% or 12 V " 5%
TMS28F800AZy
5 V
± 10 %
3 V/5 V
± 10% or 12 V ± 5 %
TMS28F008AEy
2.7 V to 3.6 V/5 V
± 10 %
3 V/5 V
± 10% or 12 V " 5%
TMS28F008AZy
5 V
± 10 %
3 V/5 V
± 10% or 12 V " 5%
TMS28F800ASy
3.3 V/5 V
± 10 %
3 V/5 V
± 10% or 12 V " 5%
TMS28F008ASy
3.3 V/5 V
± 10 %
3 V/5 V
± 10% or 12 V " 5%
TMS28F800AVy
2.7 V to 3.6 V
3 V/5 V
± 10% or 12 V " 5%
TMS28F008AVy
2.7 V to 3.6 V
3 V/5 V
± 10% or 12 V " 5%
TMS28F800ALy
3.3 V
± 10 %
3 V/5 V
± 10% or 12 V " 5%
TMS28F008ALy
3.3 V
± 10 %
3 V/5 V
± 10% or 12 V " 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com